Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR51H224 Datasheet (PDF) - International Rectifier

IR51H224 Datasheet PDF - International Rectifier
Part # IR51H224
Download  IR51H224 Download

File Size   73.24 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description SELF-OSCILLATING HALF BRIDGE

IR51H224 Datasheet (PDF)

Go To PDF Page Download Datasheet
IR51H224 Datasheet PDF - International Rectifier

Part # IR51H224
Download  IR51H224 Click to download

File Size   73.24 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description SELF-OSCILLATING HALF BRIDGE

IR51H224 Datasheet (HTML) - International Rectifier

IR51H224 Datasheet HTML 1Page - International Rectifier IR51H224 Datasheet HTML 2Page - International Rectifier IR51H224 Datasheet HTML 3Page - International Rectifier IR51H224 Datasheet HTML 4Page - International Rectifier IR51H224 Datasheet HTML 5Page - International Rectifier IR51H224 Datasheet HTML 6Page - International Rectifier IR51H224 Datasheet HTML 7Page - International Rectifier

IR51H224 Product details

Description
The IR51H(D)XXX are complete high voltage, high speed, selfoscillating half-bridge circuits. Proprietary HVIC and latch immune CMOS technologies, along with the HEXFET® power MOSFET technology, enable ruggedized single package construction. The front-end features a programmable oscillator which functions similar to the CMOS 555 timer. The supply to the control circuit has a zener clamp to simplify offline operation. The output features two HEXFETs in a half-bridge configuration with an internally set deadtime designed for minimum cross-conduction in the half-bridge.

Features
• Output Power MOSFETs in half-bridge configuration
• High side gate drive designed for bootstrap operation
• Bootstrap diode integrated into package (HD type)
• Accurate timing control for both Power MOSFETs
    Matched delay to get 50% duty cycle
    Matched deadtime of 1.2us
• Internal oscillator with programmable frequency
• 15.6V Zener clamped Vcc for offline operation
• Half-bridge output is out of phase with RT
• Micropower startup




Similar Part No. - IR51H224

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR51H224 IRF-IR51H224 Datasheet
119Kb / 6P
   POWIRLIGHTTM REFERENCE DESIGN : COMPACT BALLAST
More results


Similar Description - IR51H224

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR51HD320 IRF-IR51HD320 Datasheet
183Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51HD737 IRF-IR51HD737 Datasheet
193Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51HD310 IRF-IR51HD310 Datasheet
183Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51HD420 IRF-IR51HD420 Datasheet
183Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51H320 IRF-IR51H320 Datasheet
181Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51HD214 IRF-IR51HD214 Datasheet
184Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51H214 IRF-IR51H214 Datasheet
223Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51H310 IRF-IR51H310 Datasheet
191Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51H737 IRF-IR51H737 Datasheet
182Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51HD224 IRF-IR51HD224 Datasheet
183Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com