Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX55C2V0 Datasheet (PDF) - Micro Commercial Components

BZX55C2V0 Datasheet PDF - Micro Commercial Components
Part # BZX55C2V0
Download  BZX55C2V0 Download

File Size   207.9 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 500 mWatt Zener Diode 2.0V to 100 Volts

BZX55C2V0 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX55C2V0 Datasheet PDF - Micro Commercial Components

Part # BZX55C2V0
Download  BZX55C2V0 Click to download

File Size   207.9 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 500 mWatt Zener Diode 2.0V to 100 Volts

BZX55C2V0 Datasheet (HTML) - Micro Commercial Components

BZX55C2V0 Datasheet HTML 1Page - Micro Commercial Components BZX55C2V0 Datasheet HTML 2Page - Micro Commercial Components BZX55C2V0 Datasheet HTML 3Page - Micro Commercial Components BZX55C2V0 Datasheet HTML 4Page - Micro Commercial Components

BZX55C2V0 Product details

Features
• Silicon Planar Power Zener Diodes
• Glass Package
• Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information)
• Moisture Sensitivity: Level 1




Similar Part No. - BZX55C2V0

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
BZX55C2V0 CHENYI-BZX55C2V0 Datasheet
116Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Taiwan Semiconductor Co...
BZX55C2V0 TSC-BZX55C2V0 Datasheet
170Kb / 4P
   Hermatically Sealed Glass Zener
logo
GOOD-ARK Electronics
BZX55C2V0 GOOD-ARK-BZX55C2V0 Datasheet
146Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Suntan Capacitors
BZX55C2V0 SUNTAN-BZX55C2V0 Datasheet
116Kb / 4P
   The Zener voltages are graded according to the
logo
Rectron Semiconductor
BZX55C2V0 RECTRON-BZX55C2V0 Datasheet
196Kb / 5P
   SILICON PLANAR ZENER DIODE
More results


Similar Description - BZX55C2V0

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BZX55-C2V4 MCC-BZX55-C2V4 Datasheet
154Kb / 3P
   500 mWatt Zener Diode 2.42 to 47 Volts
BZX84B4V3HE3 MCC-BZX84B4V3HE3 Datasheet
520Kb / 4P
   350 mWatt Zener Diodes 2.4 to 36 Volts
Rev.3-3-10282020
logo
AiT Semiconductor Inc.
BZT52C2V0 AITSEMI-BZT52C2V0 Datasheet
405Kb / 6P
   ZENER DIODE 500mW, ZENER VOLTAGE 2.0V TO 75V
REV2.0
logo
Micro Commercial Compon...
BZV55C18-TP MCC-BZV55C18-TP Datasheet
665Kb / 3P
   500 mW Zener Diode 2.0 to 75 Volts
H11-A3 MCC-H11-A3 Datasheet
465Kb / 5P
   500 mW Zener Diode 1.9 to 37.2 Volts
LSH2A3 MCC-LSH2A3 Datasheet
390Kb / 5P
   500 mW Zener Diode 1.9 to 37.2 Volts
1N5221 MCC-1N5221_11 Datasheet
477Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
BZT52C2V4 MCC-BZT52C2V4_10 Datasheet
208Kb / 3P
   500 mW Zener Diode 2.4 to 43 Volts
DL5221 MCC-DL5221_11 Datasheet
632Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
1N5221 MCC-1N5221 Datasheet
621Kb / 2P
   500 mW Zener Diode 2.4 to 200 Volts
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com