Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM3565 Datasheet (PDF) - Fairchild Semiconductor

FM3565 Datasheet PDF - Fairchild Semiconductor
Part # FM3565
Download  FM3565 Download

File Size   84.16 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description CPU CONFIGURATION CONTROLLER Register/Multiplexer for Microprocessor VID

FM3565 Datasheet (PDF)

Go To PDF Page Download Datasheet
FM3565 Datasheet PDF - Fairchild Semiconductor

Part # FM3565
Download  FM3565 Click to download

File Size   84.16 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description CPU CONFIGURATION CONTROLLER Register/Multiplexer for Microprocessor VID

FM3565 Datasheet (HTML) - Fairchild Semiconductor

FM3565 Datasheet HTML 1Page - Fairchild Semiconductor FM3565 Datasheet HTML 2Page - Fairchild Semiconductor FM3565 Datasheet HTML 3Page - Fairchild Semiconductor FM3565 Datasheet HTML 4Page - Fairchild Semiconductor FM3565 Datasheet HTML 5Page - Fairchild Semiconductor FM3565 Datasheet HTML 6Page - Fairchild Semiconductor FM3565 Datasheet HTML 7Page - Fairchild Semiconductor

FM3565 Product details

General Description
The Fairchild FM3565 replaces the PC motherboard’s CPU configuration switches with an electronic implementation, consisting of a 5-bit multiplexed port, standard 2-wire bus interface, and non-volatile latches with external hardware control.

Features
■ Extended Operating Voltage Range 3.0V-5.5V
■ IIC Compatible Slave Interface.
■ ESD performance: Human body model > 2000V
■ Open-Drain Outputs




Similar Part No. - FM3565

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM3560M20 FAIRCHILD-FM3560M20 Datasheet
100Kb / 10P
   4/5 Bit Multiplexed, 1 Bit Latched Port with Standard 2-Wire Bus Interface and Non-Volatile Latches
FM3560MT20 FAIRCHILD-FM3560MT20 Datasheet
100Kb / 10P
   4/5 Bit Multiplexed, 1 Bit Latched Port with Standard 2-Wire Bus Interface and Non-Volatile Latches
More results


Similar Description - FM3565

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM3570 FAIRCHILD-FM3570 Datasheet
93Kb / 8P
   CPU CONFIGURATION CONTROLLER Register/Multiplexer for Microprocessor VID
logo
STMicroelectronics
M74HC298 STMICROELECTRONICS-M74HC298 Datasheet
253Kb / 11P
   QUAD 2 CHANNEL MULTIPLEXER/REGISTER
M54HC298 STMICROELECTRONICS-M54HC298 Datasheet
248Kb / 11P
   QUAD 2 CHANNEL MULTIPLEXER/REGISTER
M54HC354 STMICROELECTRONICS-M54HC354 Datasheet
264Kb / 12P
   8 CHANNEL MULTIPLEXER/REGISTER 3 STATE
logo
ON Semiconductor
ADP3207 ONSEMI-ADP3207 Datasheet
398Kb / 29P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
logo
NXP Semiconductors
74HC356 PHILIPS-74HC356 Datasheet
79Kb / 13P
   8-input multiplexer/register; 3-state
December 1990
logo
Advanced Micro Devices
AM2922 AMD-AM2922 Datasheet
322Kb / 7P
   Eight Input multiplexer with Control Register
logo
ON Semiconductor
ADP3207A ONSEMI-ADP3207A Datasheet
396Kb / 28P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
logo
Cherry Semiconductor Co...
CS51312 CHERRY-CS51312 Datasheet
276Kb / 18P
   Synchronous CPU Buck Controller for 12V Only Applications
logo
ON Semiconductor
NCP5392 ONSEMI-NCP5392 Datasheet
313Kb / 32P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. 3
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com