Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE2732A Datasheet (PDF) - NTE Electronics

NTE2732A Datasheet PDF - NTE Electronics
Part # NTE2732A
Download  NTE2732A Download

File Size   45.73 Kbytes
Page   6 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit 32K (4K x 8) NMOS UV Erasable PROM

NTE2732A Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE2732A Datasheet PDF - NTE Electronics

Part # NTE2732A
Download  NTE2732A Click to download

File Size   45.73 Kbytes
Page   6 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit 32K (4K x 8) NMOS UV Erasable PROM

NTE2732A Datasheet (HTML) - NTE Electronics

NTE2732A Datasheet HTML 1Page - NTE Electronics NTE2732A Datasheet HTML 2Page - NTE Electronics NTE2732A Datasheet HTML 3Page - NTE Electronics NTE2732A Datasheet HTML 4Page - NTE Electronics NTE2732A Datasheet HTML 5Page - NTE Electronics NTE2732A Datasheet HTML 6Page - NTE Electronics

NTE2732A Product details

Description:

The NTE2732A is a 32,768–bits ultraviolet erasable and electrically programmable read–only memory (EPROM) organized as 4,096 words by 8 bits and manufactured using N–Channel Si–Gate MOS processing. With its single +5V power supply and with an access time of 200ns, the NTE2732A is ideal for use with high performance +5V microprocessors such as the NTE3880.



Features:

• Fast Access Time: 200ns Max

• 0° to +70°C Standard Temperature Range

• Single +5V Power Supply

• Low Standby Current (35mA Max)

• Inputs and Outputs TTL Compatible During Read and Program

• Completely Static



 




Similar Part No. - NTE2732A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE273 NTE-NTE273 Datasheet
22Kb / 2P
   Silicon Darlington Complementary Power Amplifiers
More results


Similar Description - NTE2732A

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
M2732A INTEL-M2732A Datasheet
420Kb / 6P
   32K (4K X 8) UV ERASABLE PROM
logo
National Semiconductor ...
NMC2532 NSC-NMC2532 Datasheet
222Kb / 5P
   32k-Bit (4k x 8) UV Erasable PROM
logo
NTE Electronics
NTE2716 NTE-NTE2716 Datasheet
34Kb / 5P
   Integrated Circuit NMOS, 16K UV Erasable PROM
logo
Intel Corporation
M27256 INTEL-M27256 Datasheet
554Kb / 9P
   256K(32K x 8) UV ERASABLE PROM
logo
STMicroelectronics
M2732A STMICROELECTRONICS-M2732A Datasheet
92Kb / 9P
   NMOS 32K 4K x 8 UV EPROM
logo
National Semiconductor ...
NMC27C256 NSC-NMC27C256 Datasheet
325Kb / 9P
   262, 144-Bit (32k X 8) UV Erasable CMOS PROM
logo
Motorola, Inc
MCM2532 MOTOROLA-MCM2532 Datasheet
208Kb / 6P
   4096 x 8-BIT UV ERASABLE PROM
logo
Intel Corporation
M2716 INTEL-M2716 Datasheet
400Kb / 7P
   16K (2K x 8) UV ERASABLE PROM
logo
STMicroelectronics
M27256 STMICROELECTRONICS-M27256 Datasheet
93Kb / 10P
   NMOS 256K 32K x 8 UV EPROM
ETC2732 STMICROELECTRONICS-ETC2732 Datasheet
485Kb / 10P
   32K BIT (4Kx8) CMOS UV ERASABLE PROM
June 1988
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com