Manufacturer | Part # | Datasheet | Description |
Holtek Semiconductor In... |
HT32F1656
|
1Mb / 48P |
32-bit ARM Cortex -M3 Microcontroller,up to 256KB Flash and 32KB SRAM with 1 MSPS
|
HT32F12365
|
1Mb / 56P |
32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
|
NXP Semiconductors |
LPC178X-7X
|
1Mb / 120P |
32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash
Rev. 4-1 May 2012 |
Holtek Semiconductor In... |
HT32F12345
|
1Mb / 51P |
32-Bit Arm Cortex -M3 Microcontroller, up to 64 KB Flash and 16 KB SRAM
|
NXP Semiconductors |
LPC1500
|
1Mb / 99P |
32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
Rev. 1-19 February 2014 |
LPC1311
|
273Kb / 53P |
32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 01-11 December 2009 |
LPC1311
|
451Kb / 60P |
32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 02-6 May 2010 |
LPC1311
|
1Mb / 74P |
32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 5-6 June 2012 |
LPC1769
|
762Kb / 79P |
32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet
Rev. 7-5 April 2011 |
LPC1311_1008
|
1Mb / 62P |
32-bit ARM Cortex-M3 microcontroller up to 32 kB flash and 8 kB SRAM USB device
Rev. 3-10 August 2010 |