Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP20.241-C1 Datasheet (PDF) - PULS GmbH

CP20.241-C1 Datasheet PDF - PULS GmbH
Part # CP20.241-C1
Download  CP20.241-C1 Download

File Size   1048.03 Kbytes
Page   32 Pages
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH
Description 24V, 20A, 480W, SINGLE PHASE

CP20.241-C1 Datasheet (PDF)

Go To PDF Page Download Datasheet
CP20.241-C1 Datasheet PDF - PULS GmbH

Part # CP20.241-C1
Download  CP20.241-C1 Click to download

File Size   1048.03 Kbytes
Page   32 Pages
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH
Description 24V, 20A, 480W, SINGLE PHASE

CP20.241-C1 Datasheet (HTML) - PULS GmbH

Back Button CP20.241-C1 Datasheet HTML 1Page - PULS GmbH CP20.241-C1 Datasheet HTML 2Page - PULS GmbH CP20.241-C1 Datasheet HTML 3Page - PULS GmbH CP20.241-C1 Datasheet HTML 4Page - PULS GmbH CP20.241-C1 Datasheet HTML 5Page - PULS GmbH CP20.241-C1 Datasheet HTML 6Page - PULS GmbH CP20.241-C1 Datasheet HTML 7Page - PULS GmbH CP20.241-C1 Datasheet HTML 8Page - PULS GmbH CP20.241-C1 Datasheet HTML 9Page - PULS GmbH CP20.241-C1 Datasheet HTML 10Page - PULS GmbH Next Button 



Similar Part No. - CP20.241-C1

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CP20.241-C1 PULS-CP20.241-C1 Datasheet
967Kb / 27P
   24V, 20A, SINGLE PHASE INPUT
More results


Similar Description - CP20.241-C1

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CP20.241-R1 PULS-CP20.241-R1_18 Datasheet
840Kb / 33P
   24V, 20A, 480W, SINGLE PHASE
logo
Weidmuller
2838480000 WEIDMULLER-2838480000 Datasheet
744Kb / 5P
   PRO BAS 480W 24V 20A
logo
PULS GmbH
CP20.241-R1 PULS-CP20.241-R1 Datasheet
827Kb / 30P
   24V, 20A, SINGLE PHASE INPUT
PIC480.241C PULS-PIC480.241C Datasheet
555Kb / 21P
   24V, 20A, SINGLE PHASE INPUT
QS20.244 PULS-QS20.244 Datasheet
754Kb / 25P
   24V, 20A, SINGLE PHASE INPUT
QS20.241 PULS-QS20.241 Datasheet
828Kb / 26P
   24V, 20A, SINGLE PHASE INPUT
CP20.241 PULS-CP20.241 Datasheet
967Kb / 27P
   24V, 20A, SINGLE PHASE INPUT
logo
Delta Electronics, Inc.
DRP024V480W1AA DELTA-DRP024V480W1AA Datasheet
1Mb / 2P
   CliQ Din Rail Power Supply 24V 480W 1 Phase
DRP024V480W3AA DELTA-DRP024V480W3AA Datasheet
1Mb / 2P
   CliQ Din Rail Power Supply 24V 480W 3 Phase
logo
PULS GmbH
QS3.241 PULS-QS3.241 Datasheet
793Kb / 25P
   24V, 3.4A, SINGLE PHASE INPUT
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com