Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM24LC16I Datasheet (PDF) - Anachip Corp

AM24LC16I Datasheet PDF - Anachip Corp
Part # AM24LC16I
Download  AM24LC16I Download

File Size   203.51 Kbytes
Page   10 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description 2-Wire Serial 16K-bits (2048 x 8) CMOS Electrically Erasable PROM

AM24LC16I Datasheet (PDF)

Go To PDF Page Download Datasheet
AM24LC16I Datasheet PDF - Anachip Corp

Part # AM24LC16I
Download  AM24LC16I Click to download

File Size   203.51 Kbytes
Page   10 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description 2-Wire Serial 16K-bits (2048 x 8) CMOS Electrically Erasable PROM

AM24LC16I Datasheet (HTML) - Anachip Corp

AM24LC16I Datasheet HTML 1Page - Anachip Corp AM24LC16I Datasheet HTML 2Page - Anachip Corp AM24LC16I Datasheet HTML 3Page - Anachip Corp AM24LC16I Datasheet HTML 4Page - Anachip Corp AM24LC16I Datasheet HTML 5Page - Anachip Corp AM24LC16I Datasheet HTML 6Page - Anachip Corp AM24LC16I Datasheet HTML 7Page - Anachip Corp AM24LC16I Datasheet HTML 8Page - Anachip Corp AM24LC16I Datasheet HTML 9Page - Anachip Corp AM24LC16I Datasheet HTML 10Page - Anachip Corp

AM24LC16I Product details

General Description
The AM24LC16 is a non-volatile, 16384-bit serial EEPROM with enhanced security device and conforms to all specifications in I2C 2 wire protocol. The whole memory can be disabled (Write Protected) by connecting the WP pin to Vcc. This section of memory then becomes unalterable unless WP is switched to Vss. The AM24LC16s communication protocol uses CLOCK (SCL) and DATA I/O (SDA) lines to synchronously clock data between the master (for example: a microcomputer)and the slave EEPROM devices (s).

Features
• State- of- the- Art Architecture
    - Non-volatile data storage
    - Full range Vcc = 2.7V to 5.5V
• 2 wire I2C serial interface
    - Provides bi-directional data transfer protocol
• Hard-ware Write Protection
    - With WP PIN to disable programming command
• 16 bytes page write mode
    - Minimizes total write time per word
• Self-timed write-cycle(including auto-erase)
• Durable and Reliable
    - 40 years data retention
    - Minimum of 1M write/erase cycles per word
    - Unlimited read cycles
    - ESD protection
• Low standby current
• Package: PDIP-8L, SOP-8L



Similar Part No. - AM24LC16I

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AM24LC16 ANACHIP-AM24LC16 Datasheet
223Kb / 12P
   2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
More results


Similar Description - AM24LC16I

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AM93LC56 ANACHIP-AM93LC56 Datasheet
191Kb / 10P
   2048-bits Serial Electrically Erasable PROM
logo
List of Unclassifed Man...
AM24LC02 ETC-AM24LC02 Datasheet
171Kb / 12P
   2-Wire Serial 2K-bits (256 x 8) CMOS Electrically Erasable PROM
logo
National Semiconductor ...
NMC2816 NSC-NMC2816 Datasheet
423Kb / 6P
   16K (2K X 8) ELECTRICALLY ERASABLE PROM
logo
Anachip Corp
AM24LC04 ANACHIP-AM24LC04 Datasheet
223Kb / 12P
   2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
AM24LC08 ANACHIP-AM24LC08 Datasheet
202Kb / 10P
   2-Wire Serial 8K-Bit (1024 x 8) CMOS Electrically Erasable PROM
AM93LC86 ANACHIP-AM93LC86 Datasheet
215Kb / 12P
   16384-bits Serial Electrically Erasable PROM
AM93LC66 ANACHIP-AM93LC66 Datasheet
188Kb / 10P
   4096-bits Serial Electrically Erasable PROM
logo
List of Unclassifed Man...
AM93LC46 ETC-AM93LC46 Datasheet
189Kb / 10P
   1024-bits Serial Electrically Erasable PROM
AV93LC46 ETC1-AV93LC46 Datasheet
214Kb / 9P
   1024-BITS SERIAL ELECTRICALLY ERASABLE PROM
logo
Integrated Silicon Solu...
IS25C16B ISSI-IS25C16B Datasheet
754Kb / 17P
   16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com