![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
1N986C - Silicon 500 mW Zener Diodes - Microsemi Corporation |
|
Click Here View 1N986C Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 1N5221-1 | SILICON 500 mW ZENER DIODES | Microsemi Corporation |
| 1N746 | Silicon 500 mW Zener Diodes | Microsemi Corporation |
| 1N5221 | SILICON 500 mW ZENER DIODES | Microsemi Corporation |
| 1N5985 | SILICON 500 mW ZENER DIODES | Microsemi Corporation |
| 1N957B-1 | SILICON 500 mW ZENER DIODES | Microsemi Corporation |
| 1N4370 | SILICON 500 mW ZENER DIODES | Microsemi Corporation |
| SMBZ5230 | SILICON PLANAR ZENER DIODES 500mW SOT-23 PACKAGEĦĦ | Surge Components |
| SMBJ5913 | 1.5W SILICON SURFACE MOUNT ZENER DIODES | Jinan Gude Electronic Device |
| MAZ4020 | Zener Diodes Silicon planar type | Panasonic Semiconductor |
| 1N4728THRU1N4764 | 1W SILICON PLANAR ZENER DIODES | Shanghai Lunsure Electronic Tech |
Link URL |
|
|
Related keyword |
| 1N986C Datasheet | 1N986C Cross Reference | 1N986C Schematic | 1N986C Distributor | 1N986C Datenblatt | 1N986C RoHS |
| 1N986C Equivalent | 1N986C Application Notes | 1N986C Data Sheet | 1N986C component | 1N986C Fiche Technique | 1N986C Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |