Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
1N985A
(4)
1N985B
(11)
1N985C
(4)
1N985D
(4)
1N985D - Silicon 500 mW Zener Diodes - Microsemi Corporation
Click Here View
1N985D
Datasheet
Part No.
1N985D
Description
Silicon 500 mW Zener Diodes
Download
1N985D
Click here
to View
File Size
221.83 Kbytes / 3 Pages
Maker
MICROSEMI [Microsemi Corporation]
Homepage
http://www.microsemi.com
Related Electronics Part Number
Part Number
Components Description
Manufacturer
1N5221-1
SILICON
500
mW
ZENER
DIODES
Microsemi Corporation
1N746
Silicon
500
mW
Zener
Diodes
Microsemi Corporation
1N5221
SILICON
500
mW
ZENER
DIODES
Microsemi Corporation
1N5985
SILICON
500
mW
ZENER
DIODES
Microsemi Corporation
1N957B-1
SILICON
500
mW
ZENER
DIODES
Microsemi Corporation
1N4370
SILICON
500
mW
ZENER
DIODES
Microsemi Corporation
SMBZ5230
SILICON
PLANAR
ZENER
DIODES
500mW
SOT-23
PACKAGEĦĦ
Surge Components
SMBJ5913
1.5W
SILICON
SURFACE
MOUNT
ZENER
DIODES
Jinan Gude Electronic Device
MAZ4020
Zener
Diodes
Silicon
planar
type
Panasonic Semiconductor
1N4728THRU1N4764
1W
SILICON
PLANAR
ZENER
DIODES
Shanghai Lunsure Electronic Tech
Link URL :
Related keyword
1N985D Datasheet
1N985D Cross Reference
1N985D Schematic
1N985D Distributor
1N985D Datenblatt
1N985D RoHS
1N985D Equivalent
1N985D Application Notes
1N985D Data Sheet
1N985D components
1N985D Fiche Technique
1N985D Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer