Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U2795B Datasheet (PDF) - ATMEL Corporation

U2795B Datasheet PDF - ATMEL Corporation
Part # U2795B
Download  U2795B Download

File Size   457.73 Kbytes
Page   14 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 2.5-GHz Double balanced Mixer

U2795B Datasheet (PDF)

Go To PDF Page Download Datasheet
U2795B Datasheet PDF - ATMEL Corporation

Part # U2795B
Download  U2795B Click to download

File Size   457.73 Kbytes
Page   14 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 2.5-GHz Double balanced Mixer

U2795B Datasheet (HTML) - ATMEL Corporation

Back Button U2795B Datasheet HTML 1Page - ATMEL Corporation U2795B Datasheet HTML 2Page - ATMEL Corporation U2795B Datasheet HTML 3Page - ATMEL Corporation U2795B Datasheet HTML 4Page - ATMEL Corporation U2795B Datasheet HTML 5Page - ATMEL Corporation U2795B Datasheet HTML 6Page - ATMEL Corporation U2795B Datasheet HTML 7Page - ATMEL Corporation U2795B Datasheet HTML 8Page - ATMEL Corporation U2795B Datasheet HTML 9Page - ATMEL Corporation U2795B Datasheet HTML 10Page - ATMEL Corporation Next Button 



Similar Part No. - U2795B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2795B TEMIC-U2795B Datasheet
350Kb / 13P
   2.5-GHz Double Balanced Mixer
U2795B-FP TEMIC-U2795B-FP Datasheet
350Kb / 13P
   2.5-GHz Double Balanced Mixer
More results


Similar Description - U2795B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2795B TEMIC-U2795B Datasheet
350Kb / 13P
   2.5-GHz Double Balanced Mixer
logo
Hittite Microwave Corpo...
HMC170C8 HITTITE-HMC170C8_08 Datasheet
229Kb / 4P
   GaAs MMIC SMT DOUBLE-BALANCED MIXER, 2.5 - 4 GHz
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
   DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Hittite Microwave Corpo...
HMC216MS8 HITTITE-HMC216MS8_06 Datasheet
240Kb / 6P
   GaAs MMIC SMT DOUBLE-BALANCED FET MIXER, 1.3 - 2.5 GHz
HMC216MS8 HITTITE-HMC216MS8 Datasheet
176Kb / 6P
   GaAs MMIC SMT DOUBLE-BALANCED FET MIXER, 1.3 - 2.5 GHz
HMC412MS8G HITTITE-HMC412MS8G_10 Datasheet
498Kb / 6P
   DOUBLE-BALANCED MIXER, 9 - 15 GHz
logo
Broadcom Corporation.
AMMC-3041 BOARDCOM-AMMC-3041 Datasheet
520Kb / 5P
   18 - 42 GHz Double Balanced Mixer
logo
Hittite Microwave Corpo...
HMC412MS8G HITTITE-HMC412MS8G Datasheet
208Kb / 6P
   DOUBLE-BALANCED MIXER, 9.0 - 15.0 GHz
logo
Tyco Electronics
MD-123 MACOM-MD-123 Datasheet
167Kb / 3P
   Double-Balanced Mixer, 10Mhz - 3 GHz
logo
HBH Microwave GmbH
HX5006 HBH-HX5006 Datasheet
67Kb / 3P
   9 - 11 GHz Double Balanced Mixer
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com