Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP168J Datasheet (PDF) - Toshiba Semiconductor

TLP168J Datasheet PDF - Toshiba Semiconductor
Part # TLP168J
Download  TLP168J Download

File Size   169.15 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler GaALAs IRed & Photo-Triac

TLP168J Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP168J Datasheet PDF - Toshiba Semiconductor

Part # TLP168J
Download  TLP168J Click to download

File Size   169.15 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler GaALAs IRed & Photo-Triac

TLP168J Datasheet (HTML) - Toshiba Semiconductor

TLP168J Datasheet HTML 1Page - Toshiba Semiconductor TLP168J Datasheet HTML 2Page - Toshiba Semiconductor TLP168J Datasheet HTML 3Page - Toshiba Semiconductor TLP168J Datasheet HTML 4Page - Toshiba Semiconductor TLP168J Datasheet HTML 5Page - Toshiba Semiconductor

TLP168J Product details

Triac Driver
Programmable Controllers
AC-Output Modules
Solid State Relays

The TOSHIBA mini-flat coupler TLP168J is a small-outline coupler suitable for surface mount assembly.
The TLP168J consists of an infrared emitting diode optically coupled to a triac-output photocoupler.

• Peak off-state voltage: 600 V (min)
• Trigger LED current: 3 mA (max)
• On-state current: 70 mA (max)
• Isolation voltage: 2500 Vrms (min)
• UL-recognized: UL 1577, File No.E67349
• cUL-recognized: CSA Component Acceptance Service No.5A
                              File No.E67349
• VDE-approved: EN 60747-5-5 (Note 1)




Similar Part No. - TLP168J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP168J TOSHIBA-TLP168J Datasheet
159Kb / 5P
   Photocoupler GaA?밃s IRed & Photo-Triac
TLP168J TOSHIBA-TLP168J_07 Datasheet
159Kb / 5P
   Photocoupler GaA?밃s IRed & Photo-Triac
TLP168J TOSHIBA-TLP168J_14 Datasheet
184Kb / 6P
   TOSHIBA Photocoupler GaA-As IRed & Photo-Triac
More results


Similar Description - TLP168J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP554 TOSHIBA-TLP554 Datasheet
404Kb / 8P
   TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO-IC
TLP559 TOSHIBA-TLP559 Datasheet
152Kb / 5P
   TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO IC
TLP719 TOSHIBA-TLP719 Datasheet
48Kb / 5P
   TOSHIBA PHOTOCOUPLER GaAlAs IRED PHOTO- IC
TLP2531 TOSHIBA-TLP2531 Datasheet
188Kb / 8P
   TOSHIBA Photocoupler GaALAs Ired & Photo IC
TLP2601 TOSHIBA-TLP2601 Datasheet
217Kb / 9P
   TOSHIBA Photocoupler GaALAs Ired & Photo-IC
TLP716 TOSHIBA-TLP716 Datasheet
83Kb / 5P
   TOSHIBA Photocoupler GaAlAs IRED & Photo- IC
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3030 TOSHIBA-TLP3030 Datasheet
184Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP525G TOSHIBA-TLP525G Datasheet
578Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com