Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8698 Datasheet (PDF) - Analog Devices

AD8698 Datasheet PDF - Analog Devices
Part # AD8698
Download  AD8698 Download

File Size   317.65 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Precision, Rail-to-Rail Output Operational Amplifier

AD8698 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8698 Datasheet PDF - Analog Devices

Part # AD8698
Download  AD8698 Click to download

File Size   317.65 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Precision, Rail-to-Rail Output Operational Amplifier

AD8698 Datasheet (HTML) - Analog Devices

Back Button AD8698 Datasheet HTML 1Page - Analog Devices AD8698 Datasheet HTML 2Page - Analog Devices AD8698 Datasheet HTML 3Page - Analog Devices AD8698 Datasheet HTML 4Page - Analog Devices AD8698 Datasheet HTML 5Page - Analog Devices AD8698 Datasheet HTML 6Page - Analog Devices AD8698 Datasheet HTML 7Page - Analog Devices AD8698 Datasheet HTML 8Page - Analog Devices AD8698 Datasheet HTML 9Page - Analog Devices AD8698 Datasheet HTML 10Page - Analog Devices Next Button 

AD8698 Product details

GENERAL DESCRIPTION

The AD8698 is a high precision, rail-to-rail output, low noise, low input bias current operational amplifier. Offset voltage is a respectable 100 µV max and drift over temperature is below 2 µV/°C, eliminating the need for manual offset trimming. The AD8698 is ideal for high impedance sensors, minimizing offset errors due to input bias and offset currents.



FEATURES

Low offset voltage: 100 µV max

Low offset voltage drift: 2 µV/°C max

Low input bias current: 700 pA max

Low noise: 8 nV/√Hz

High common-mode rejection: 118 dB min

Wide operating temperature: −40°C to +85°C

No phase reversal



APPLICATIONS

Photodiode amplifier

Sensors and controls

Multipole filters

Integrator




Similar Part No. - AD8698

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8698 AD-AD8698_15 Datasheet
323Kb / 20P
   Dual Precision, Rail-to-Rail Output
REV. 0
More results


Similar Description - AD8698

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP2012QML NSC-LMP2012QML Datasheet
326Kb / 12P
   Dual High Precision, Rail-to-Rail Output Operational Amplifier
logo
Texas Instruments
LMP2011 TI1-LMP2011 Datasheet
1Mb / 33P
[Old version datasheet]   Dual High Precision, Rail-to-Rail Output Operational Amplifier
LMP2012QML TI1-LMP2012QML Datasheet
193Kb / 13P
[Old version datasheet]   Dual High Precision, Rail-to-Rail Output Operational Amplifier
logo
National Semiconductor ...
LMP2011 NSC-LMP2011 Datasheet
688Kb / 16P
   High Precision, Rail-to-Rail Output Operational Amplifier
logo
Intersil Corporation
LMP2015 INTERSIL-LMP2015 Datasheet
511Kb / 16P
   High Precision, Rail-to-Rail Output Operational Amplifier
logo
National Semiconductor ...
LMV2011 NSC-LMV2011 Datasheet
582Kb / 15P
   High Precision, Rail-to-Rail Output Operational Amplifier
LMV2011 NSC-LMV2011_14 Datasheet
1Mb / 24P
   High Precision, Rail-to-Rail Output Operational Amplifier
LMV2011 NSC-LMV2011_08 Datasheet
485Kb / 16P
   High Precision, Rail-to-Rail Output Operational Amplifier
LMP2011 NSC-LMP2011_08 Datasheet
502Kb / 16P
   High Precision, Rail-to-Rail Output Operational Amplifier
logo
SG Micro Corp
SGM8922 SGMICRO-SGM8922 Datasheet
324Kb / 10P
   Dual Rail-to-Rail Output Operational Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com