Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST16C654IQ64 Datasheet (PDF) - Exar Corporation

ST16C654IQ64 Datasheet PDF - Exar Corporation
Part # ST16C654IQ64
Download  ST16C654IQ64 Download

File Size   444.38 Kbytes
Page   49 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description QUAD UART WITH 64-BYTE FIFO AND INFRARED (IrDA) ENCODER/DECODER

ST16C654IQ64 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST16C654IQ64 Datasheet PDF - Exar Corporation

Part # ST16C654IQ64
Download  ST16C654IQ64 Click to download

File Size   444.38 Kbytes
Page   49 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description QUAD UART WITH 64-BYTE FIFO AND INFRARED (IrDA) ENCODER/DECODER

ST16C654IQ64 Datasheet (HTML) - Exar Corporation

Back Button ST16C654IQ64 Datasheet HTML 1Page - Exar Corporation ST16C654IQ64 Datasheet HTML 2Page - Exar Corporation ST16C654IQ64 Datasheet HTML 3Page - Exar Corporation ST16C654IQ64 Datasheet HTML 4Page - Exar Corporation ST16C654IQ64 Datasheet HTML 5Page - Exar Corporation ST16C654IQ64 Datasheet HTML 6Page - Exar Corporation ST16C654IQ64 Datasheet HTML 7Page - Exar Corporation ST16C654IQ64 Datasheet HTML 8Page - Exar Corporation ST16C654IQ64 Datasheet HTML 9Page - Exar Corporation ST16C654IQ64 Datasheet HTML 10Page - Exar Corporation Next Button 

ST16C654IQ64 Product details

DESCRIPTION

The ST16C654*

1is a universal asynchronous receiver and transmitter (UART) with a dual foot print interface compatible with the ST16C554 and ST68C554. The 654 is an enhanced UART with 64 byte FIFOs, automatic

hardware/software flow control, and data rates up to 1.5Mbps. Onboard status registers provide the user with error indications and operational status, modem interface control. System interrupts may be tailored to meet user requirements. An internal loopback capability allows onboard diagnostics. The 654 is available in 64 pin TQFP, 68 pin PLCC, and 100 pin QFP packages.



FEATURES

·Compatibility with the Industry Standard ST16C454/554, ST68C454/554, TL16C554

·1.5 Mbps transmit/receive operation (24MHz)

·64 byte transmit FIFO

·64 byte receive FIFO with error flags

·Automatic software/hardware flow control

·Programmable Xon/Xoff characters

·Independent transmit and receive control

·Software selectable Baud Rate Generator prescaleable clock rates of 1X, 4X.

·Four selectable Transmit/Receive FIFO interrupt trigger levels

·Standard modem interface or infrared IrDA encoder/decoder interface

·Software flow control turned off optionally by any (Xon) RX character

·Independent MIDI interface on 100 pin packages

·100 pin packages offer internal register FIFO monitoring and separate IrDA TX outputs

·Sleep mode ( 200mA stand-by)




Similar Part No. - ST16C654IQ64

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C654IQ64 EXAR-ST16C654IQ64 Datasheet
968Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
ST16C654IQ64 EXAR-ST16C654IQ64 Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
More results


Similar Description - ST16C654IQ64

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C654 PHILIPS-SC16C654 Datasheet
647Kb / 52P
   Quad UART with 64-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 04-19 June 2003
SC16C554 PHILIPS-SC16C554 Datasheet
276Kb / 55P
   Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 05-10 May 2004
logo
Exar Corporation
ST16C580 EXAR-ST16C580_05 Datasheet
212Kb / 39P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
ST16C580 EXAR-ST16C580 Datasheet
244Kb / 41P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
logo
NXP Semiconductors
SC16C650A PHILIPS-SC16C650A Datasheet
642Kb / 50P
   Universal Asynchronous Receiver/Transmitter (UART) with 32-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 04-20 June 2003
SC16C550 PHILIPS-SC16C550 Datasheet
639Kb / 52P
   Universal Asynchronous Receiver/Transmitter (UART) with 16-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 05-19 June 2003
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C754BPNR TI-TL16C754BPNR Datasheet
671Kb / 40P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
TL16C754B TI-TL16C754B Datasheet
466Kb / 37P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com