Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZA3020 Datasheet (PDF) - List of Unclassifed Manufacturers

ZA3020 Datasheet PDF - List of Unclassifed Manufacturers
Part # ZA3020
Download  ZA3020 Download

File Size   134.91 Kbytes
Page   10 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 2A STEP DOWN PWM SWITCH MODE DC DC REGULATORS

ZA3020 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZA3020 Datasheet PDF - List of Unclassifed Manufacturers

Part # ZA3020
Download  ZA3020 Click to download

File Size   134.91 Kbytes
Page   10 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 2A STEP DOWN PWM SWITCH MODE DC DC REGULATORS

ZA3020 Datasheet (HTML) - List of Unclassifed Manufacturers

ZA3020 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZA3020 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZA3020 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZA3020 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZA3020 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZA3020 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZA3020 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZA3020 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZA3020 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZA3020 Datasheet HTML 10Page - List of Unclassifed Manufacturers

ZA3020 Product details

General Description

The ZA3020 is a monolithic step down switch mode converter with a built in internal Power MOSFET. It achieves 2A continuous output current over a wide input supply range with excellent load and line regulation. Current mode operation provides fast transient response and eases loop stabilization.



Features

2A Output Current

0.18ȍ Internal Power MOSFET Switch

Stable with Low ESR Output Ceramic capacitors

Up to 95% Efficiency

20µA Shutdown Mode

Fixed 380kHz frequency

Thermal Shutdown

Cycle-by-cycle over current protection

Wide 4.75 to 25V operating input range

Output Adjustable from 1.22 to 21V

Programmable under voltage lockout

Frequency Synchronization Input

Available in 8 pin SO package

Evaluation Board Available



Applications

Distributed Power Systems

Battery Charger

Pre-Regulator for Linear Regulators




Similar Part No. - ZA3020

ManufacturerPart #DatasheetDescription
logo
D+H Mechatronic AG
ZA35-K-BSY DH-ZA35-K-BSY Datasheet
435Kb / 3P
   Rack and pinion drives
logo
Mini-Circuits
ZA3CS-400-3W MINI-ZA3CS-400-3W Datasheet
200Kb / 1P
   High Power Combiner
ZA3CS-450-9W MINI-ZA3CS-450-9W Datasheet
221Kb / 1P
   High Power Combiner
ZA3PD-1 MINI-ZA3PD-1 Datasheet
222Kb / 1P
   Power Splitter/Combiner
ZA3PD-1-N++ MINI-ZA3PD-1-N+ Datasheet
222Kb / 1P
   Power Splitter/Combiner
More results


Similar Description - ZA3020

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXL1074 MAXIM-MXL1074 Datasheet
1Mb / 4P
   5A/2A Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 3; 9/95
MAX724 MAXIM-MAX724 Datasheet
92Kb / 12P
   5A/2A Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 3; 9/95
MAX727 MAXIM-MAX727 Datasheet
39Kb / 4P
   5V/3.3V/3V 2A Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 2; 9/95
logo
SHOUDING Shouding Semic...
SD6039A SHOUDING-SD6039A Datasheet
757Kb / 8P
   2A Step-Down PWM Switch -Mode DC/DC Regula tor
logo
Maxim Integrated Produc...
MAX787 MAXIM-MAX787 Datasheet
39Kb / 4P
   5V/3.3V/3V 5A Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 3; 9/95
logo
Unisonic Technologies
P1696_1109 UTC-P1696_1109 Datasheet
223Kb / 7P
   200KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
logo
Shenzhen Huazhimei Semi...
HM1583A HMSEMI-HM1583A Datasheet
501Kb / 11P
   3.5A Step-Down PWM Switch-Mode DC/DC Converter
logo
ACE Technology Co., LTD...
ACE150X ACE-ACE150X Datasheet
714Kb / 13P
   150KHz,2A, PWM Step-Down DC/DC Converter
VER 1.2
logo
Unisonic Technologies
P1696 UTC-P1696_13 Datasheet
248Kb / 7P
   200KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
P1696 UTC-P1696_11 Datasheet
223Kb / 7P
   150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com