Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2305S Datasheet (PDF) - Monolithic Power Systems

MP2305S Datasheet PDF - Monolithic Power Systems
Part # MP2305S
Download  MP2305S Download

File Size   303.49 Kbytes
Page   12 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 2A, 23V Synchronous Rectified Step-Down Converter

MP2305S Datasheet (PDF)

Go To PDF Page Download Datasheet
MP2305S Datasheet PDF - Monolithic Power Systems

Part # MP2305S
Download  MP2305S Click to download

File Size   303.49 Kbytes
Page   12 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 2A, 23V Synchronous Rectified Step-Down Converter

MP2305S Datasheet (HTML) - Monolithic Power Systems

Back Button MP2305S Datasheet HTML 1Page - Monolithic Power Systems MP2305S Datasheet HTML 2Page - Monolithic Power Systems MP2305S Datasheet HTML 3Page - Monolithic Power Systems MP2305S Datasheet HTML 4Page - Monolithic Power Systems MP2305S Datasheet HTML 5Page - Monolithic Power Systems MP2305S Datasheet HTML 6Page - Monolithic Power Systems MP2305S Datasheet HTML 7Page - Monolithic Power Systems MP2305S Datasheet HTML 8Page - Monolithic Power Systems MP2305S Datasheet HTML 9Page - Monolithic Power Systems MP2305S Datasheet HTML 10Page - Monolithic Power Systems Next Button 

MP2305S Product details

DESCRIPTION
The MP2305S is a monolithic synchronous buck regulator. The device integrates a 175mΩ high-side MOSFET and a 115mΩ low-side MOSFET that provide 2A continuous load current over a wide operating input voltage of 4.75V to 23V. Current mode control provides fast transient response and cycle-by-cycle current limit.
An adjustable soft-start prevents inrush current at turn-on. Shutdown mode drops the supply current to 1μA.
This device, available in an 8-pin SOIC package, provides a very compact system solution with minimal reliance on external components.

FEATURES
• 2A Output Current
• Wide 4.75V to 23V Operating Input Range
• Integrated Power MOSFET Switches
• Output Adjustable from 0.923V to 20V
• Up to 95% Efficiency
• Programmable Soft-Start
• Stable with Low ESR Ceramic Output Capacitors
• Fixed 340KHz Frequency
• Cycle-by-Cycle Over Current Protection
• Input Under Voltage Lockout

APPLICATIONS
• Distributed Power Systems
• Networking Systems
• FPGA, DSP, ASIC Power Supplies
• Green Electronics/ Appliances
• Notebook Computers




Similar Part No. - MP2305S

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2305 MPS-MP2305 Datasheet
298Kb / 10P
   2A, 23V Synchronous Rectified Step-Down Converter
MP2305DS MPS-MP2305DS Datasheet
208Kb / 3P
   4.75V to 23V IN, 2A OUT Synchronous Buck Converter
MP2305DS MPS-MP2305DS Datasheet
298Kb / 10P
   2A, 23V Synchronous Rectified Step-Down Converter
More results


Similar Description - MP2305S

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP29296 MPS-MP29296 Datasheet
301Kb / 10P
   2A, 23V Synchronous Rectified Step-Down Converter
MP2305 MPS-MP2305 Datasheet
298Kb / 10P
   2A, 23V Synchronous Rectified Step-Down Converter
logo
E-CMOS Corporation
EC3283A E-CMOS-EC3283A Datasheet
817Kb / 13P
   2A, 23V, Synchronous-Rectified Step-Down Converter
logo
Unisonic Technologies
P1482 UTC-P1482 Datasheet
268Kb / 5P
   2A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
logo
First Silicon Co., Ltd
FAC1482F FS-FAC1482F Datasheet
1Mb / 13P
   2A , 23V Synchronus Rectified Step Down Converter
logo
Analog Intergrations Co...
AIC2857F AIC-AIC2857F Datasheet
514Kb / 12P
   2A 23V Synchronous Step-Down Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1484B TECHCODE-TD1484B Datasheet
1Mb / 14P
   3A 23V Synchronous Rectified Step-Down Converter
logo
E-CMOS Corporation
EC3284 E-CMOS-EC3284 Datasheet
912Kb / 11P
   3A, 23V, Synchronous Rectified Step-Down Converter
logo
Unisonic Technologies
P1484A UTC-P1484A Datasheet
246Kb / 6P
   3A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
logo
Monolithic Power System...
MP2307 MPS-MP2307 Datasheet
346Kb / 11P
   3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com