Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME385-2.5 Datasheet (PDF) - Analog Microelectronics

AME385-2.5 Datasheet PDF - Analog Microelectronics
Part # AME385-2.5
Download  AME385-2.5 Download

File Size   105.84 Kbytes
Page   12 Pages
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics
Description MICROPOWER VOLTAGE REFERENCE DIODE

AME385-2.5 Datasheet (PDF)

Go To PDF Page Download Datasheet
AME385-2.5 Datasheet PDF - Analog Microelectronics

Part # AME385-2.5
Download  AME385-2.5 Click to download

File Size   105.84 Kbytes
Page   12 Pages
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics
Description MICROPOWER VOLTAGE REFERENCE DIODE

AME385-2.5 Datasheet (HTML) - Analog Microelectronics

Back Button AME385-2.5 Datasheet HTML 1Page - Analog Microelectronics AME385-2.5 Datasheet HTML 2Page - Analog Microelectronics AME385-2.5 Datasheet HTML 3Page - Analog Microelectronics AME385-2.5 Datasheet HTML 4Page - Analog Microelectronics AME385-2.5 Datasheet HTML 5Page - Analog Microelectronics AME385-2.5 Datasheet HTML 6Page - Analog Microelectronics AME385-2.5 Datasheet HTML 7Page - Analog Microelectronics AME385-2.5 Datasheet HTML 8Page - Analog Microelectronics AME385-2.5 Datasheet HTML 9Page - Analog Microelectronics AME385-2.5 Datasheet HTML 10Page - Analog Microelectronics Next Button 

AME385-2.5 Product details

General Description
The AME385-2.5 is a micropower 2-terminal band-gap voltage regulator diode. It operates over a 20mA to 20mA current range. Each circuit is trimmed at wafer sort to provide a ±0.20% and ±0.50% initial tolerance. The design of the AME385-2.5 allows for a large range of load capacitances and operating currents. The low start-up current makes these part ideal for battery applications.
Analog Microelectronics offers this part in a TO-92 and SO-8 package as well as the space saving SOT-23.

Features
● Small packages: SOT-23, TO-92, SO-8
● Tolerates capacitive loads
● Fixed reverse breakdown voltage of 2.5V
● Tight voltage tolerance ------- ±0.20%, ±0.5%
● Wide operating current ------- 20mA to 20mA
● Wide temperature range ----- -40oC to +85oC
● Low temperature coefficient --100ppm/oC (max)
● Excellent transient response

Applications
● Portable electronics
● Power supplies
● Computer peripherals
● Data acquisition systems
● Battery chargers
● Consumer electronics




Similar Part No. - AME385-2.5

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME385-2.5 AME-AME385-2.5 Datasheet
171Kb / 14P
   Shunt Bandgap Voltage Reference
AME385-2.5 AME-AME385-2.5_1 Datasheet
171Kb / 14P
   Shunt Bandgap Voltage Reference
More results


Similar Description - AME385-2.5

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME41-4096 AME-AME41-4096 Datasheet
63Kb / 8P
   Micropower Voltage Reference Diode
logo
Calogic, LLC
CLM285-25 CALOGIC-CLM285-25 Datasheet
30Kb / 3P
   Micropower Voltage Reference Diode
logo
Texas Instruments
LM185-1.2QML TI1-LM185-1.2QML_14 Datasheet
541Kb / 18P
[Old version datasheet]   Micropower Voltage Reference Diode
logo
Advanced Monolithic Sys...
AMS285-2.5 AMS-AMS285-2.5 Datasheet
172Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-1.2 ADMOS-AMS285-1.2 Datasheet
96Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Wing Shing Computer Com...
LM385-2.5 WINGS-LM385-2.5 Datasheet
147Kb / 3P
   Micropower Voltage Reference Diode
logo
Advanced Monolithic Sys...
AMS285-12 ADMOS-AMS285-12 Datasheet
88Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Analog Microelectronics
AME385-12 AME-AME385-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
AME385-25 AME-AME385-25 Datasheet
52Kb / 8P
   Micropower Voltage Reference Diode
AME41-12 AME-AME41-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
More results




About Analog Microelectronics


Analog Microelectronics is a semiconductor company that designs and manufactures integrated circuits (ICs) for a wide range of applications. The company was founded in 1993 and is headquartered in Mainz, Germany.

Analog Microelectronics' product portfolio includes sensors, sensor interfaces, and signal conditioning ICs. These products are used in a variety of applications, including automotive, industrial, medical, and consumer electronics.

Analog Microelectronics is known for its expertise in sensor technology and signal conditioning, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Analog Microelectronics also offers custom design and engineering services to meet the specific needs of its customers.

Analog Microelectronics has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable IC solutions that meet the evolving needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com