Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC594LC3B Datasheet (PDF) - Analog Devices

HMC594LC3B Datasheet PDF - Analog Devices
Part # HMC594LC3B
Download  HMC594LC3B Download

File Size   356.78 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs PHEMT MMIC LOW NOISE AMPLIFIER

HMC594LC3B Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC594LC3B Datasheet PDF - Analog Devices

Part # HMC594LC3B
Download  HMC594LC3B Click to download

File Size   356.78 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs PHEMT MMIC LOW NOISE AMPLIFIER

HMC594LC3B Datasheet (HTML) - Analog Devices

HMC594LC3B Datasheet HTML 1Page - Analog Devices HMC594LC3B Datasheet HTML 2Page - Analog Devices HMC594LC3B Datasheet HTML 3Page - Analog Devices HMC594LC3B Datasheet HTML 4Page - Analog Devices HMC594LC3B Datasheet HTML 5Page - Analog Devices HMC594LC3B Datasheet HTML 6Page - Analog Devices

HMC594LC3B Product details

General Description
The HMC594LC3B is a GaAs pHEMT MMIC Low Noise Ampliier (LNA) which operates from 2 to 4 GHz. The HMC594LC3B features extremely lat performance characteristics including 10 dB of small signal gain, 3 dB of noise igure and output IP3 of +36 dBm across the operating band. This high linearity LNA is ideal for test & measurement equipment and military assemblies due to its compact size, consistent output power and DC blocked RF I/O’s. The HMC594LC3B is also available in chip form as the HMC594.

Features
   Gain Flatness: ±0.2 dB
   Noise Figure: 3 dB
   Gain: 10 dB
   Output IP3: +36 dBm
   DC Supply: +5V @ 95mA / +6V @ 100 mA
   50 Ohm Matched Input/Output
   RoHS Compliant 3x3 mm SMT package

Typical Applications
The HMC594LC3B is ideal for:
• Fixed Microwave
• Point-to-Multi-Point Radios
• Test & Measurement Equipment
• Radar & Sensors
• Military & Space




Similar Part No. - HMC594LC3B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC594LC3B HITTITE-HMC594LC3B Datasheet
225Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
HMC594LC3B HITTITE-HMC594LC3B Datasheet
263Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
HMC594LC3B HITTITE-HMC594LC3B Datasheet
755Kb / 18P
   ACTIVE BIAS CONTROLLER
logo
Analog Devices
HMC594LC3B AD-HMC594LC3B Datasheet
1Mb / 22P
   Active Bias Controller High Current
logo
Hittite Microwave Corpo...
HMC594LC3B HITTITE-HMC594LC3B_10 Datasheet
225Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
More results


Similar Description - HMC594LC3B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC462LP5 AD-HMC462LP5 Datasheet
375Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC1049 AD-HMC1049 Datasheet
272Kb / 14P
   GaAs pHEMT MMIC Low Noise Amplifier
HMC342LC4 AD-HMC342LC4 Datasheet
340Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC962LC4 AD-HMC962LC4 Datasheet
371Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC460 AD-HMC460 Datasheet
506Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC462 AD-HMC462 Datasheet
443Kb / 8P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC518 AD-HMC518 Datasheet
625Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC566LP4E AD-HMC566LP4E Datasheet
412Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC376LP3 AD-HMC376LP3 Datasheet
316Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC460LC5 AD-HMC460LC5 Datasheet
1Mb / 7P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER,
HMC372LP3 AD-HMC372LP3 Datasheet
393Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com