Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FB1A4M Datasheet (PDF) - NEC

FB1A4M Datasheet PDF - NEC
Part # FB1A4M
Download  FB1A4M Download

File Size   111.96 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description COMPOUND TRANSISTOR

FB1A4M Datasheet (PDF)

Go To PDF Page Download Datasheet
FB1A4M Datasheet PDF - NEC

Part # FB1A4M
Download  FB1A4M Click to download

File Size   111.96 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description COMPOUND TRANSISTOR

FB1A4M Datasheet (HTML) - NEC

FB1A4M Datasheet HTML 1Page - NEC FB1A4M Datasheet HTML 2Page - NEC FB1A4M Datasheet HTML 3Page - NEC FB1A4M Datasheet HTML 4Page - NEC FB1A4M Datasheet HTML 5Page - NEC FB1A4M Datasheet HTML 6Page - NEC FB1A4M Datasheet HTML 7Page - NEC FB1A4M Datasheet HTML 8Page - NEC

FB1A4M Product details

on-chip resistor NPN silicon epitaxial transistor
For mid-speed switching

FEATURES
• Up to 0.7 A current drive available
• On-chip bias resistor
• Low power consumption during drive




Similar Part No. - FB1A4M

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FB1 FUJITSU-FB1 Datasheet
563Kb / 56P
   2ch DC/DC converter IC with PFM/ PWM synchronous rectification
logo
Japan Aviation Electron...
FB10 JAE-FB10 Datasheet
180Kb / 6P
   0.3mm Pitch, 0.9mm Height FPC Connector
logo
Stackpole Electronics, ...
FB10 SEI-FB10 Datasheet
762Kb / 17P
   Multilayer Ferrite Chip Bead Inductor
04/28/2020
logo
List of Unclassifed Man...
FB1000 ETC1-FB1000 Datasheet
34Kb / 2P
   10 Amp. Glass Passivated Bridge Rectifier
FB1000L ETC1-FB1000L Datasheet
34Kb / 2P
   10 Amp. Glass Passivated Bridge Rectifier
More results


Similar Description - FB1A4M

ManufacturerPart #DatasheetDescription
logo
NEC
HQ1F3P NEC-HQ1F3P Datasheet
111Kb / 6P
   COMPOUND TRANSISTOR
BA1A3Q NEC-BA1A3Q Datasheet
103Kb / 4P
   COMPOUND TRANSISTOR
logo
Renesas Technology Corp
BA1A4Z RENESAS-BA1A4Z Datasheet
229Kb / 6P
   COMPOUND TRANSISTOR
2002
logo
Isahaya Electronics Cor...
RT3CLLM ISAHAYA-RT3CLLM Datasheet
141Kb / 4P
   Compound Transistor
logo
NEC
BN1L4Z NEC-BN1L4Z Datasheet
85Kb / 4P
   COMPOUND TRANSISTOR
AA1L4Z NEC-AA1L4Z Datasheet
81Kb / 4P
   COMPOUND TRANSISTOR
CE1A3Q NEC-CE1A3Q Datasheet
125Kb / 4P
   COMPOUND TRANSISTOR
AA1L3M NEC-AA1L3M Datasheet
83Kb / 4P
   COMPOUND TRANSISTOR
logo
Renesas Technology Corp
BA1F4Z RENESAS-BA1F4Z Datasheet
238Kb / 6P
   COMPOUND TRANSISTOR
2002
BN1A3Q RENESAS-BN1A3Q Datasheet
263Kb / 6P
   COMPOUND TRANSISTOR
2002
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com