Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4628 Datasheet (PDF) - Linear Technology

LTM4628 Datasheet PDF - Linear Technology
Part # LTM4628
Download  LTM4628 Download

File Size   1114.28 Kbytes
Page   32 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 20VIN, Dual 4A or Single 8A DC/DC 關Module Regulator

LTM4628 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTM4628 Datasheet PDF - Linear Technology

Part # LTM4628
Download  LTM4628 Click to download

File Size   1114.28 Kbytes
Page   32 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 20VIN, Dual 4A or Single 8A DC/DC 關Module Regulator

LTM4628 Datasheet (HTML) - Linear Technology

Back Button LTM4628 Datasheet HTML 1Page - Linear Technology LTM4628 Datasheet HTML 2Page - Linear Technology LTM4628 Datasheet HTML 3Page - Linear Technology LTM4628 Datasheet HTML 4Page - Linear Technology LTM4628 Datasheet HTML 5Page - Linear Technology LTM4628 Datasheet HTML 6Page - Linear Technology LTM4628 Datasheet HTML 7Page - Linear Technology LTM4628 Datasheet HTML 8Page - Linear Technology LTM4628 Datasheet HTML 9Page - Linear Technology LTM4628 Datasheet HTML 10Page - Linear Technology Next Button 



Similar Part No. - LTM4628

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4628 LINER-LTM4628 Datasheet
704Kb / 36P
   Dual 8A or Single 16A DC/DC 關Module Regulator
LTM4628 LINER-LTM4628 Datasheet
554Kb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator Frequency Synchronization
LTM4628 LINER-LTM4628 Datasheet
2Mb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator
logo
Linear Dimensions Semic...
LTM4628 LINEAR_DIMENSIONS-LTM4628 Datasheet
872Kb / 30P
   Dual 8A per Channel Low VIN DC/DC 關Module Regulator
logo
Linear Technology
LTM4628 LINER-LTM4628 Datasheet
977Kb / 36P
   Quad DC/DC 關Module Regulator with Configurable 4A Output Array
More results


Similar Description - LTM4628

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4642IY LINER-LTM4642IY Datasheet
1Mb / 14P
   20VIN, DUAL 4A or SINGLE 8A DC/DC 關MODULE REGULATOR
logo
Analog Devices
LTM4657 AD-LTM4657 Datasheet
1Mb / 28P
   20VIN, 8A Step-Down DC/DC 關Module Regulator
logo
Linear Technology
LTM4628 LINER-LTM4628 Datasheet
704Kb / 36P
   Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Linear Dimensions Semic...
LTM4628IVPBF LINEAR_DIMENSIONS-LTM4628IVPBF Datasheet
707Kb / 36P
   Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Analog Devices
LTM4705 AD-LTM4705 Datasheet
1Mb / 24P
   20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
logo
Linear Technology
LTM4628 LINER-LTM4628_15 Datasheet
1Mb / 36P
   Dual 8A or Single 16A DC/DC Module Regulator
LTM4622A LINER-LTM4622A Datasheet
863Kb / 30P
   Dual Ultrathin 2A or Single 4A Step-Down DC/DC 關Module Regulator
LTM4619 LINER-LTM4619 Datasheet
300Kb / 24P
   Dual, 26VIN, 4A DC/DC 關Module Regulator
LTM4625 LINER-LTM4625 Datasheet
1Mb / 26P
   20VIN, 5A Step-Down DC/DC 關Module Regulator
LTM4630A LINER-LTM4630A Datasheet
1Mb / 38P
   Dual 18A or Single 36A DC/DC 關Module Regulator
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com