Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4648 Datasheet (PDF) - Linear Technology

LTM4648 Datasheet PDF - Linear Technology
Part # LTM4648
Download  LTM4648 Download

File Size   380.77 Kbytes
Page   28 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Low VIN, 10A Step-Down 關Module Regulator

LTM4648 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTM4648 Datasheet PDF - Linear Technology

Part # LTM4648
Download  LTM4648 Click to download

File Size   380.77 Kbytes
Page   28 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Low VIN, 10A Step-Down 關Module Regulator

LTM4648 Datasheet (HTML) - Linear Technology

Back Button LTM4648 Datasheet HTML 1Page - Linear Technology LTM4648 Datasheet HTML 2Page - Linear Technology LTM4648 Datasheet HTML 3Page - Linear Technology LTM4648 Datasheet HTML 4Page - Linear Technology LTM4648 Datasheet HTML 5Page - Linear Technology LTM4648 Datasheet HTML 6Page - Linear Technology LTM4648 Datasheet HTML 7Page - Linear Technology LTM4648 Datasheet HTML 8Page - Linear Technology LTM4648 Datasheet HTML 9Page - Linear Technology LTM4648 Datasheet HTML 10Page - Linear Technology Next Button 



Similar Part No. - LTM4648

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4641 LINER-LTM4641 Datasheet
822Kb / 64P
   38V, 10A DC/DC Module Regulator with Advanced Input and Load Protection
LTM4641Y LINER-LTM4641Y Datasheet
822Kb / 64P
   38V, 10A DC/DC Module Regulator with Advanced Input and Load Protection
LTM4642 LINER-LTM4642 Datasheet
1Mb / 32P
   20VIN, Dual 4A or Single 8A DC/DC 關Module Regulator
LTM4642 LINER-LTM4642 Datasheet
533Kb / 34P
   Dual 10A or Single 20A 關Module Regulator
logo
Analog Devices
LTM4642 AD-LTM4642 Datasheet
2Mb / 28P
   Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
More results


Similar Description - LTM4648

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTM4658 AD-LTM4658 Datasheet
1Mb / 26P
   Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
Rev. 0
logo
Linear Technology
LTM4639 LINER-LTM4639 Datasheet
579Kb / 32P
   Low VIN 20A DC/DC 關Module Step-Down Regulator
LTM4649EY LINER-LTM4649EY Datasheet
667Kb / 8P
   High Efficiency 10A Step-Down 關Module Regulator
LTM4649 LINER-LTM4649 Datasheet
1Mb / 30P
   10A Step-Down DC/DC 關Module Regulator
LTM4639 LINER-LTM4639_15 Datasheet
579Kb / 32P
   Low VIN 20A DC/DC Module Step-Down Regulator
logo
Analog Devices
LTM4691 AD-LTM4691 Datasheet
1Mb / 22P
   Low VIN, High Efficiency, Dual 2A Step-Down DC/DC 關Module Regulator
logo
Linear Technology
LTM4649 LINER-LTM4649_15 Datasheet
1Mb / 30P
   10A Step-Down DC/DC Module Regulator
LTM4624EY LINER-LTM4624EY Datasheet
464Kb / 6P
   4A Step-Down 關Module Regulator
LTM4633 LINER-LTM4633_15 Datasheet
519Kb / 32P
   Triple 10A Step-Down DC/DC Module Regulator
LTM4618EV LINER-LTM4618EV Datasheet
1Mb / 8P
   6A Step-Down Power 關Module Regulator
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com