Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4132 Datasheet (PDF) - Asahi Kasei Microsystems

AK4132 Datasheet PDF - Asahi Kasei Microsystems
Part # AK4132
Download  AK4132 Download

File Size   1090.75 Kbytes
Page   27 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 96kHz 24bit Sample Rate Converter

AK4132 Datasheet (PDF)

Go To PDF Page Download Datasheet
AK4132 Datasheet PDF - Asahi Kasei Microsystems

Part # AK4132
Download  AK4132 Click to download

File Size   1090.75 Kbytes
Page   27 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 96kHz 24bit Sample Rate Converter

AK4132 Datasheet (HTML) - Asahi Kasei Microsystems

Back Button AK4132 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button 



Similar Part No. - AK4132

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4132VT AKM-AK4132VT Datasheet
1Mb / 27P
   96 kHz 24bit Sample Rate Converter
More results


Similar Description - AK4132

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4133VN AKM-AK4133VN Datasheet
2Mb / 28P
   192kHz 24bit Sample Rate Converter
AK4133 AKM-AK4133 Datasheet
1Mb / 29P
   192kHz 24bit Sample Rate Converter
AK4132VT AKM-AK4132VT Datasheet
1Mb / 27P
   96 kHz 24bit Sample Rate Converter
AKD5381-B AKM-AKD5381-B Datasheet
173Kb / 20P
   24bit 96kHz A/D converter
AKD5384 AKM-AKD5384_05 Datasheet
269Kb / 23P
   24bit 96kHz 4ch A/D converter
AK4324VF AKM-AK4324VF Datasheet
166Kb / 18P
   96kHz Sampling 24Bit
AKD5357-B AKM-AKD5357-B Datasheet
168Kb / 20P
   digital audio 24bit 96kHz A/D converter
AKD5365 AKM-AKD5365_06 Datasheet
330Kb / 37P
   digital audio 24bit 96kHz A/D converter
AKD5358A-B AKM-AKD5358A-B Datasheet
196Kb / 20P
   digital audio 24bit 96kHz A/D converter
AKD4363 AKM-AKD4363_05 Datasheet
381Kb / 34P
   96kHz 24bit D/A converter with PLL
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com