Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8040 Datasheet (PDF) - Linear Technology

LTM8040 Datasheet PDF - Linear Technology
Part # LTM8040
Download  LTM8040 Download

File Size   352.56 Kbytes
Page   26 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 38VIN Boost 關Module Regulator for LED Drive with 10A Switch

LTM8040 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTM8040 Datasheet PDF - Linear Technology

Part # LTM8040
Download  LTM8040 Click to download

File Size   352.56 Kbytes
Page   26 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 38VIN Boost 關Module Regulator for LED Drive with 10A Switch

LTM8040 Datasheet (HTML) - Linear Technology

Back Button LTM8040 Datasheet HTML 1Page - Linear Technology LTM8040 Datasheet HTML 2Page - Linear Technology LTM8040 Datasheet HTML 3Page - Linear Technology LTM8040 Datasheet HTML 4Page - Linear Technology LTM8040 Datasheet HTML 5Page - Linear Technology LTM8040 Datasheet HTML 6Page - Linear Technology LTM8040 Datasheet HTML 7Page - Linear Technology LTM8040 Datasheet HTML 8Page - Linear Technology LTM8040 Datasheet HTML 9Page - Linear Technology LTM8040 Datasheet HTML 10Page - Linear Technology Next Button 



Similar Part No. - LTM8040

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8040 LINER-LTM8040 Datasheet
217Kb / 16P
   36V, 1A 關Module LED Driver
LTM8040 LINER-LTM8040 Datasheet
267Kb / 32P
   關Module Boost LED Driver and Current Source
logo
Analog Devices
LTM8040 AD-LTM8040 Datasheet
1Mb / 22P
   36V, 4A Synchronous Step-Down LED Driver with Silent Switcher
Rev. 0
logo
Linear Technology
LTM8040EV-PBF LINER-LTM8040EV-PBF Datasheet
217Kb / 16P
   36V, 1A 關Module LED Driver
LTM8040IV-PBF LINER-LTM8040IV-PBF Datasheet
217Kb / 16P
   36V, 1A 關Module LED Driver
More results


Similar Description - LTM8040

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8056 LINER-LTM8056 Datasheet
1Mb / 28P
   58VIN, 48VOUT Buck-Boost 關Module Regulator
logo
Analog Devices
LTM8083 AD-LTM8083 Datasheet
2Mb / 24P
   36V, 1.5A Buck-Boost 關Module Regulator
logo
Linear Technology
LTM8055 LINER-LTM8055 Datasheet
516Kb / 26P
   36VIN, 8.5A Buck-Boost 關Module Regulator
logo
Analog Devices
LTM4656 AD-LTM4656 Datasheet
2Mb / 28P
   Synchronous Boost 關Module Regulator with Input-Output Short Protection
logo
Silicon Mitus, Inc.
SM2006 SILICONMITUS-SM2006 Datasheet
266Kb / 1P
   6 Channel White LED Driver with Internal-switch Boost Regulator for High Power LED
Februay 2018 Rev. 0.0.0
logo
Linear Technology
LTM4646 LINER-LTM4646 Datasheet
533Kb / 34P
   Dual 10A or Single 20A 關Module Regulator
LTM4649EY LINER-LTM4649EY Datasheet
667Kb / 8P
   High Efficiency 10A Step-Down 關Module Regulator
LTM4633 LINER-LTM4633 Datasheet
519Kb / 32P
   Triple 10A Step-DownDC/DC 關Module Regulator
LTM4648 LINER-LTM4648 Datasheet
380Kb / 28P
   Low VIN, 10A Step-Down 關Module Regulator
LTM4649 LINER-LTM4649 Datasheet
1Mb / 30P
   10A Step-Down DC/DC 關Module Regulator
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com