Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR360 Datasheet (PDF) - Shenzhen Yixinwei Technology Co., Ltd.

SR360 Datasheet PDF - Shenzhen Yixinwei Technology Co., Ltd.
Part # SR360
Download  SR360 Download

File Size   112.75 Kbytes
Page   2 Pages
Manufacturer  YIXIN [Shenzhen Yixinwei Technology Co., Ltd.]
Direct Link  http://www.szyxwkj.com
Logo YIXIN - Shenzhen Yixinwei Technology Co., Ltd.
Description SCHOTTKY BARRIER RECTIFIER

SR360 Datasheet (PDF)

Go To PDF Page Download Datasheet
SR360 Datasheet PDF - Shenzhen Yixinwei Technology Co., Ltd.

Part # SR360
Download  SR360 Click to download

File Size   112.75 Kbytes
Page   2 Pages
Manufacturer  YIXIN [Shenzhen Yixinwei Technology Co., Ltd.]
Direct Link  http://www.szyxwkj.com
Logo YIXIN - Shenzhen Yixinwei Technology Co., Ltd.
Description SCHOTTKY BARRIER RECTIFIER

SR360 Datasheet (HTML) - Shenzhen Yixinwei Technology Co., Ltd.

SR360 Datasheet HTML 1Page - Shenzhen Yixinwei Technology Co., Ltd. SR360 Datasheet HTML 2Page - Shenzhen Yixinwei Technology Co., Ltd.

SR360 Product details

Reverse Voltage - 20 to 200 Volts
Forward Current - 3.0 Amperes

FEATURES
♦ The plastic package carries Underwriters Laboratory
   Flammability Classification 94V-0
♦ Metal silicon junction,majority carrier conduction
♦ Low power loss,high efficiency
♦ High forward surge current capability
♦ High temperature soldering guaranteed:
   250 °C/10 seconds,0.375”(9.5mm) lead length,
   5 lbs. (2.3kg) tension




Similar Part No. - SR360

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
SR360 CHONGQING-SR360 Datasheet
179Kb / 1P
   3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SR360 WTE-SR360 Datasheet
47Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SR360 DGNJDZ-SR360 Datasheet
256Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
UNIOHM CORPORATION
SR360 UNIOHM-SR360 Datasheet
67Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
PACELEADER INDUSTRIAL
SR360 PACELEADER-SR360 Datasheet
566Kb / 2P
   3.0AMP SCHOTTKY BARRIER RECTIFIERS
More results


Similar Description - SR360

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com