Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8064 Datasheet (PDF) - Linear Technology

LTM8064 Datasheet PDF - Linear Technology
Part # LTM8064
Download  LTM8064 Download

File Size   1488.61 Kbytes
Page   26 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 60VIN, 3A Silent Switcher 關Module Regulator

LTM8064 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTM8064 Datasheet PDF - Linear Technology

Part # LTM8064
Download  LTM8064 Click to download

File Size   1488.61 Kbytes
Page   26 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 60VIN, 3A Silent Switcher 關Module Regulator

LTM8064 Datasheet (HTML) - Linear Technology

Back Button LTM8064 Datasheet HTML 1Page - Linear Technology LTM8064 Datasheet HTML 2Page - Linear Technology LTM8064 Datasheet HTML 3Page - Linear Technology LTM8064 Datasheet HTML 4Page - Linear Technology LTM8064 Datasheet HTML 5Page - Linear Technology LTM8064 Datasheet HTML 6Page - Linear Technology LTM8064 Datasheet HTML 7Page - Linear Technology LTM8064 Datasheet HTML 8Page - Linear Technology LTM8064 Datasheet HTML 9Page - Linear Technology LTM8064 Datasheet HTML 10Page - Linear Technology Next Button 



Similar Part No. - LTM8064

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8064 LINER-LTM8064 Datasheet
1Mb / 34P
   EN55022B Compliant 58V, 24W Inverting-Output DC/DC 關Module Regulator
LTM8064 LINER-LTM8064 Datasheet
1Mb / 32P
   EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
logo
Analog Devices
LTM8064 AD-LTM8064 Datasheet
4Mb / 38P
   Source/Sink Dual ±25A or Single ±50A μModule Regulator with Input Overvoltage Protection
Rev. 0
More results


Similar Description - LTM8064

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8063 LINER-LTM8063 Datasheet
1Mb / 24P
   40VIN, 2A Silent Switcher 關Module Regulator
LTM8065 LINER-LTM8065 Datasheet
1Mb / 26P
   40VIN, 2.5A Silent Switcher 關Module Regulator
logo
Analog Devices
LTM8060 AD-LTM8060 Datasheet
2Mb / 28P
   Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
logo
Linear Technology
LTM8053 LINER-LTM8053 Datasheet
376Kb / 28P
   40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8003 LINER-LTM8003 Datasheet
401Kb / 30P
   40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
logo
Analog Devices
LTM8051 AD-LTM8051 Datasheet
2Mb / 28P
   Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
logo
Microchip Technology
MIC28511 MICROCHIP-MIC28511 Datasheet
1Mb / 34P
   60VIN, 3A Synchronous Buck Regulator
07/14/15
logo
Analog Devices
LT8386 AD-LT8386 Datasheet
2Mb / 28P
   60V, 3A Silent Switcher Synchronous, Step-Up LED Driver
LTM4710-1 AD-LTM4710-1 Datasheet
3Mb / 24P
   Low VIN, Quad 8A Silent Switcher μModule Regulator
Rev. 0
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com