Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7081MX-GF085 Datasheet (PDF) - ON Semiconductor

FAN7081MX-GF085 Datasheet PDF - ON Semiconductor
Part # FAN7081MX-GF085
Download  FAN7081MX-GF085 Download

File Size   447.64 Kbytes
Page   15 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description High Side Gate Driver

FAN7081MX-GF085 Datasheet (PDF)

Go To PDF Page Download Datasheet
FAN7081MX-GF085 Datasheet PDF - ON Semiconductor

Part # FAN7081MX-GF085
Download  FAN7081MX-GF085 Click to download

File Size   447.64 Kbytes
Page   15 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description High Side Gate Driver

FAN7081MX-GF085 Datasheet (HTML) - ON Semiconductor

Back Button FAN7081MX-GF085 Datasheet HTML 1Page - ON Semiconductor FAN7081MX-GF085 Datasheet HTML 2Page - ON Semiconductor FAN7081MX-GF085 Datasheet HTML 3Page - ON Semiconductor FAN7081MX-GF085 Datasheet HTML 4Page - ON Semiconductor FAN7081MX-GF085 Datasheet HTML 5Page - ON Semiconductor FAN7081MX-GF085 Datasheet HTML 6Page - ON Semiconductor FAN7081MX-GF085 Datasheet HTML 7Page - ON Semiconductor FAN7081MX-GF085 Datasheet HTML 8Page - ON Semiconductor FAN7081MX-GF085 Datasheet HTML 9Page - ON Semiconductor FAN7081MX-GF085 Datasheet HTML 10Page - ON Semiconductor Next Button 

FAN7081MX-GF085 Product details

Description
The FAN7081-GF085 is a high-side gate drive IC designed for high voltage and high speed driving of MOSFET or IGBT, which operates up to 600V. ON Semiconductors high-voltage process and com-mon-mode noise cancellation technique provide stable opera-tion in the high side driver under high-dV/dt noise circumstances.

Features
• Qualified to AEC Q100
• Floating channel designed for bootstrap operation up fully operational to + 600V
• Tolerance to negative transient voltage on VS pin
• dV/dt immune.
• Gate drive supply range from 10V to 20V
• Under-voltage lockout
• CMOS Schmit-triggered inputs with pull-up
• High side output out of phase with input (Inverted input)

Typical Applications
• Diesel and gasoline Injectors/Valves
• MOSFET-and IGBT high side driver applications




Similar Part No. - FAN7081MX-GF085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7081MX FAIRCHILD-FAN7081MX Datasheet
306Kb / 16P
   High Side Gate Driver
FAN7081MX_GF085 FAIRCHILD-FAN7081MX_GF085 Datasheet
419Kb / 16P
   The FAN7081_GF085 is a high-side gate drive IC designed for high voltage and high speed driving of MOSFET or IGBT, which operate up to 600V.
More results


Similar Description - FAN7081MX-GF085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7081 FAIRCHILD-FAN7081 Datasheet
295Kb / 16P
   High Side Gate Driver
FAN7361 FAIRCHILD-FAN7361_07 Datasheet
444Kb / 9P
   High-Side Gate Driver
FAN7362 FAIRCHILD-FAN7362_09 Datasheet
1Mb / 9P
   High-Side Gate Driver
logo
ON Semiconductor
FAN7361 ONSEMI-FAN7361 Datasheet
854Kb / 11P
   High-Side Gate Driver
November 2009 Rev. 1.0.8
FAN7083-GF085 ONSEMI-FAN7083-GF085 Datasheet
466Kb / 18P
   High Side Gate Driver
September-2017,Rev. 2
logo
Fairchild Semiconductor
FAN7081 FAIRCHILD-FAN7081_1 Datasheet
306Kb / 16P
   High Side Gate Driver
FAN7361 FAIRCHILD-FAN7361_09 Datasheet
1Mb / 9P
   High-Side Gate Driver
FAN7362 FAIRCHILD-FAN7362 Datasheet
629Kb / 9P
   High-Side Gate Driver
logo
Allegro MicroSystems
A3942 ALLEGRO-A3942 Datasheet
501Kb / 20P
   Quad High-Side Gate Driver
logo
Diodes Incorporated
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com