Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATO28XXT Datasheet (PDF) - International Rectifier

ATO28XXT Datasheet PDF - International Rectifier
Part # ATO28XXT
Download  ATO28XXT Download

File Size   55.01 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS

ATO28XXT Datasheet (PDF)

Go To PDF Page Download Datasheet
ATO28XXT Datasheet PDF - International Rectifier

Part # ATO28XXT
Download  ATO28XXT Click to download

File Size   55.01 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS

ATO28XXT Datasheet (HTML) - International Rectifier

ATO28XXT Datasheet HTML 1Page - International Rectifier ATO28XXT Datasheet HTML 2Page - International Rectifier ATO28XXT Datasheet HTML 3Page - International Rectifier ATO28XXT Datasheet HTML 4Page - International Rectifier ATO28XXT Datasheet HTML 5Page - International Rectifier ATO28XXT Datasheet HTML 6Page - International Rectifier ATO28XXT Datasheet HTML 7Page - International Rectifier

ATO28XXT Product details

Description
The ATO28XXT Series of DC/DC converters feature high power density and an extended temperature range for use in military and industrial applications. Designed to the nominal input requirements of MIL-STD-704D, these devices have nominal 28VDC inputs with +5V and ±12V or +5V and ±15V triple outputs to satisfy a wide range of requirements. The circuit design incorporates a pulse width modulated push-pull topology operating in the feed-forward mode at a nominal switching frequency of 250KHz. Input to output isolation is achieved through the use of transformers in the forward and feedback circuits.

Features
■ 16V to 40VDC Input Range (28VDC Nominal)
■ 5V, ±12V or 5V, ±15V Outputs Available
■ Indefinite Short Circuit and Overload Protection
■ 15W Output Power
■ Fast Loop Response for Superior Transient Characteristics
■ Operating Temperature Range from -55°C to +125°C Available
■ Popular Industry Standard Pin-out
■ Resistance Seam Welded Case for Superior Long Term Hermeticity
■ Efficiencies up to 81%
■ Shutdown from External Signal
■ 200,000 Hour MTBF at 85°C
■ Standard Microcircuit Drawings Available




Similar Part No. - ATO28XXT

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ATO28XXT IRF-ATO28XXT_07 Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results


Similar Description - ATO28XXT

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHE28XXS IRF-AHE28XXS Datasheet
63Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR28XXD IRF-ATR28XXD Datasheet
72Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHV28 IRF-AHV28 Datasheet
81Kb / 9P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AFL50XXS IRF-AFL50XXS Datasheet
107Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL270 IRF-AFL270 Datasheet
445Kb / 16P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL5005S IRF-AFL5005S Datasheet
122Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL270XXD IRF-AFL270XXD Datasheet
130Kb / 10P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ASA28XXS IRF-ASA28XXS Datasheet
39Kb / 4P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ATW28XXD IRF-ATW28XXD Datasheet
58Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR2812T IRF-ATR2812T Datasheet
107Kb / 6P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com