Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9165 Datasheet (PDF) - List of Unclassifed Manufacturers

RT9165 Datasheet PDF - List of Unclassifed Manufacturers
Part # RT9165
Download  RT9165 Download

File Size   144.28 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 150MA 3- TERMINAL POSITIVE REGULATOR

RT9165 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9165 Datasheet PDF - List of Unclassifed Manufacturers

Part # RT9165
Download  RT9165 Click to download

File Size   144.28 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 150MA 3- TERMINAL POSITIVE REGULATOR

RT9165 Datasheet (HTML) - List of Unclassifed Manufacturers

RT9165 Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9165 Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9165 Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9165 Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9165 Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9165 Datasheet HTML 6Page - List of Unclassifed Manufacturers

RT9165 Product details

[Richtek]



General Description

The RT9165 is a positive low dropout regulator designed for applications requiring low dropout performance at full rated current. The device is available in fixed output voltage of 5.0V or 8.0V. The RT9165 provides excellent regulation over line, load, and temperature variations.

The other features include low dropout performance at a maximum of 1.3V at 150mA, fast transient response, internal current limiting, and thermal shutdown protection of the output devices. The RT9165 is a three-terminal regulator compatible with industrial LM78L05/L08 and available in surface mount SOT-89 package.



Features

• Low Dropout, Maximum 1.3V at 150mA

• Fast Transient Response

• ±3% Total Output Regulation

• 0.5% Line Regulation

• 0.5% Load Regulation

• SOT-89 and TO-92 Packages



Applications

• 5V or 8V Output Linear Regulator

• Consumer Equipment Power Supply



 




Similar Part No. - RT9165

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9165 RICHTEK-RT9165 Datasheet
135Kb / 7P
   150mA 3-Terminal Positive Regulator
RT9165 RICHTEK-RT9165 Datasheet
112Kb / 7P
   150mA 3-Terminal Positive Regulator
RT9165-80GX RICHTEK-RT9165-80GX Datasheet
135Kb / 7P
   150mA 3-Terminal Positive Regulator
RT9165-80GX RICHTEK-RT9165-80GX Datasheet
112Kb / 7P
   150mA 3-Terminal Positive Regulator
RT9165-80GZ RICHTEK-RT9165-80GZ Datasheet
135Kb / 7P
   150mA 3-Terminal Positive Regulator
More results


Similar Description - RT9165

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9165 RICHTEK-RT9165 Datasheet
135Kb / 7P
   150mA 3-Terminal Positive Regulator
RT9165 RICHTEK-RT9165_08 Datasheet
112Kb / 7P
   150mA 3-Terminal Positive Regulator
logo
National Semiconductor ...
LM2930 NSC-LM2930 Datasheet
251Kb / 8P
   3-Terminal Positive Regulator
logo
Texas Instruments
LM140K TI1-LM140K_16 Datasheet
1Mb / 14P
[Old version datasheet]   3-Terminal Positive Regulator
LM330-N TI1-LM330-N_14 Datasheet
1Mb / 11P
[Old version datasheet]   3-Terminal Positive Regulator
logo
National Semiconductor ...
LM330 NSC-LM330 Datasheet
254Kb / 5P
   3-Terminal Positive Regulator
logo
Texas Instruments
LM2930 TI-LM2930_15 Datasheet
1Mb / 13P
[Old version datasheet]   3-Terminal Positive Regulator
logo
Hi-Sincerity Mocroelect...
H7805AI HSMC-H7805AI Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7808AA HSMC-H7808AA Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AA HSMC-H7809AA Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com