Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29AL004D70MAI012 Datasheet (PDF) - SPANSION

S29AL004D70MAI012 Datasheet PDF - SPANSION
Part # S29AL004D70MAI012
Download  S29AL004D70MAI012 Download

File Size   1481.0 Kbytes
Page   55 Pages
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION
Description 4 Megabit (512 Kx 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory

S29AL004D70MAI012 Datasheet (PDF)

Go To PDF Page Download Datasheet
S29AL004D70MAI012 Datasheet PDF - SPANSION

Part # S29AL004D70MAI012
Download  S29AL004D70MAI012 Click to download

File Size   1481.0 Kbytes
Page   55 Pages
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION
Description 4 Megabit (512 Kx 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory

S29AL004D70MAI012 Datasheet (HTML) - SPANSION

Back Button S29AL004D70MAI012 Datasheet HTML 1Page - SPANSION S29AL004D70MAI012 Datasheet HTML 2Page - SPANSION S29AL004D70MAI012 Datasheet HTML 3Page - SPANSION S29AL004D70MAI012 Datasheet HTML 4Page - SPANSION S29AL004D70MAI012 Datasheet HTML 5Page - SPANSION S29AL004D70MAI012 Datasheet HTML 6Page - SPANSION S29AL004D70MAI012 Datasheet HTML 7Page - SPANSION S29AL004D70MAI012 Datasheet HTML 8Page - SPANSION S29AL004D70MAI012 Datasheet HTML 9Page - SPANSION S29AL004D70MAI012 Datasheet HTML 10Page - SPANSION Next Button 

S29AL004D70MAI012 Product details

General Description

The S29AL004D is a 4 Mbit, 3.0 volt-only Flash memory organized as 524,288 bytes or 262,144 words. The device is offered in 48-ball FBGA, 44-pin SO, and 48-pin TSOP packages. The word-wide data (x16) appears on DQ15–DQ0; the byte-wide (x8) data appears on DQ7–DQ0. This device requires only a single, 3.0 volt VCC supply to perform read, program, and erase operations. A standard EPROM programmer can also be used to program and erase the device.



Distinctive Characteristics

Architectural Advantages

■ Single power supply operation

   — 2.7 to 3.6 volt read and write operations for battery powered applications

■ Manufactured on 200nm process technology

   — Compatible with 320nm Am29LV400B and MBM29LV400T/BC

■ Flexible sector architecture

   — One 16 Kbyte, two 8 Kbyte, one 32 Kbyte, and seven 64 Kbyte sectors (byte mode)

   — One 8 Kword, two 4 Kword, one 16 Kword, and seven 32 Kword sectors (word mode)

   — Supports full chip erase

■ Unlock Bypass Program Command

   — Reduces overall programming time when issuing multiple program command sequences

■ Top or bottom boot block configurations available

■ Embedded Algorithms

   — Embedded Erase algorithm automatically preprograms and erases the entire chip or any combination of designated sectors

   — Embedded Program algorithm automatically writes and verifies data at specified addresses

■ Compatibility with JEDEC standards

   — Pinout and software compatible with single-power supply Flash

   — Superior inadvertent write protection

■ Sector Protection features

   — A hardware method of locking a sector to prevent any program or erase operations within that sector

   — Sectors can be locked in-system or via programming equipment

   — Temporary Sector Unprotect feature allows code changes in previously locked sectors

  

Performance Characteristics

■ High performance

   — Access times as fast as 70 ns

■ Ultra low power consumption (typical values at 5 MHz)

   — 200 nA Automatic Sleep mode current

   — 200 nA standby mode current

   — 9 mA read current

   — 20 mA program/erase current

■ Cycling Endurance: 1,000,000 cycles per sector typical

■ Data Retention: 20 years typical Package Options

■ 48-ball FBGA

■ 48-pin TSOP

■ 44-pin SO



Software Features

■ Data# Polling and toggle bits

   — Provides a software method of detecting program or erase operation completion

■ Erase Suspend/Erase Resume

   — Suspends an erase operation to read data from, or program data to, a sector that is not being erased, then resumes the erase operation



Hardware Features

■ Ready/Busy# pin (RY/BY#)

   — Provides a hardware method of detecting program or erase cycle completion

■ Hardware reset pin (RESET#)

   — Hardware method to reset the device to reading array data



 




Similar Part No. - S29AL004D70MAI012

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29AL008D SPANSION-S29AL008D Datasheet
1Mb / 55P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008D SPANSION-S29AL008D Datasheet
1Mb / 56P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008D55BAI010 SPANSION-S29AL008D55BAI010 Datasheet
1Mb / 55P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008D55BAI011 SPANSION-S29AL008D55BAI011 Datasheet
1Mb / 55P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008D55BAI012 SPANSION-S29AL008D55BAI012 Datasheet
1Mb / 55P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Similar Description - S29AL004D70MAI012

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV400B AMD-AM29LV400B_03 Datasheet
382Kb / 14P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV400 AMD-AM29LV400 Datasheet
516Kb / 40P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400B AMD-AM29LV400B Datasheet
47Kb / 7P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV400BT-90EC SPANSION-AM29LV400BT-90EC Datasheet
1Mb / 48P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400BB-90EC SPANSION-AM29LV400BB-90EC Datasheet
1Mb / 48P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400BT-70EI SPANSION-AM29LV400BT-70EI Datasheet
1Mb / 48P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400BT-70SC SPANSION-AM29LV400BT-70SC Datasheet
1Mb / 48P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV004B-1 AMD-AM29LV004B-1 Datasheet
769Kb / 40P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV004 AMD-AM29LV004 Datasheet
455Kb / 36P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV004B AMD-AM29LV004B Datasheet
39Kb / 6P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com