Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL80138 Datasheet (PDF) - Renesas Technology Corp

ISL80138 Datasheet PDF - Renesas Technology Corp
Part # ISL80138
Download  ISL80138 Download

File Size   696.48 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 40V, Low Quiescent Current, 150mA Linear Regulator

ISL80138 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL80138 Datasheet PDF - Renesas Technology Corp

Part # ISL80138
Download  ISL80138 Click to download

File Size   696.48 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 40V, Low Quiescent Current, 150mA Linear Regulator

ISL80138 Datasheet (HTML) - Renesas Technology Corp

ISL80138 Datasheet HTML 1Page - Renesas Technology Corp ISL80138 Datasheet HTML 2Page - Renesas Technology Corp ISL80138 Datasheet HTML 3Page - Renesas Technology Corp ISL80138 Datasheet HTML 4Page - Renesas Technology Corp ISL80138 Datasheet HTML 5Page - Renesas Technology Corp ISL80138 Datasheet HTML 6Page - Renesas Technology Corp ISL80138 Datasheet HTML 7Page - Renesas Technology Corp ISL80138 Datasheet HTML 8Page - Renesas Technology Corp ISL80138 Datasheet HTML 9Page - Renesas Technology Corp

ISL80138 Product details

40V, Low Quiescent Current, 150mA Linear Regulator

The ISL80138 is a high voltage, adjustable VOUT low quiescent current linear regulator ideally suited for “always-on” and “keep alive” applications. The ISL80138 operates from an input voltage of +6V to +40V under normal operating conditions and consumes only 18µA of quiescent current at no load.

Features
• Wide VIN range of 6V to 40V
• Adjustable output voltage from 2.5V to 12V
• Guaranteed 150mA output current
• Ultra low 18µA typical quiescent current
• Low 2µA of typical shutdown current
• ±1% accurate voltage reference
• Low dropout voltage of 295mV at 150mA
• 40V tolerant logic level (TTL/CMOS) enable input
• Stable operation with 10µF output capacitor
• 5kV ESD HBM rated
• Thermal shutdown and current limit protection
• Thermally enhanced 14 Ld exposed pad HTSSOP package

Applications
• Industrial
• Telecommunications




Similar Part No. - ISL80138

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138 Datasheet
418Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
logo
Renesas Technology Corp
ISL80138 RENESAS-ISL80138 Datasheet
697Kb / 10P
   40V, Low Quiescent Current, 50mA Linear Regulator
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138 Datasheet
336Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
ISL80138EVAL1Z INTERSIL-ISL80138EVAL1Z Datasheet
418Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
ISL80138EVAL1Z INTERSIL-ISL80138EVAL1Z Datasheet
336Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
More results


Similar Description - ISL80138

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138_14 Datasheet
336Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
Monolithic Power System...
MP2013 MPS-MP2013 Datasheet
668Kb / 15P
   40V, 150mA, Low Quiescent Current Linear Regulator
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138 Datasheet
418Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
logo
Altera Corporation
EY1603 ALTERA-EY1603 Datasheet
824Kb / 10P
   40V, Low Quiescent Current, 150mA Linear Regulator
logo
Monolithic Power System...
MP2013A MPS-MP2013A Datasheet
842Kb / 19P
   40V, 150mA, Low-Quiescent Current Linear Regulator
MPQ2013BGQ-33 MPS-MPQ2013BGQ-33 Datasheet
462Kb / 8P
   40V, 150mA, Low Quiescent Current Linear Regulator Evaluation Board
logo
Renesas Technology Corp
ISL80410 RENESAS-ISL80410 Datasheet
783Kb / 12P
   40V, Low Quiescent Current, High Accuracy, 150mA Linear Regulator
Aug 8, 2019
logo
Intersil Corporation
ISL78301 INTERSIL-ISL78301 Datasheet
401Kb / 10P
   40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications
logo
Monolithic Power System...
MPQ2013A MPS-MPQ2013A Datasheet
612Kb / 19P
   40V, 150mA, Low Quiescent Current Linear Regulator AEC-Q100 Qualified
logo
Intersil Corporation
ISL78301FVEAZ INTERSIL-ISL78301FVEAZ Datasheet
392Kb / 10P
   40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications
April 7, 2015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com