Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9C301FJ Datasheet (PDF) - Rohm

BD9C301FJ Datasheet PDF - Rohm
Part # BD9C301FJ
Download  BD9C301FJ Download

File Size   978.73 Kbytes
Page   22 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 4.5V to 18V Input, 3.0A Integrated MOSFET

BD9C301FJ Datasheet (PDF)

Go To PDF Page Download Datasheet
BD9C301FJ Datasheet PDF - Rohm

Part # BD9C301FJ
Download  BD9C301FJ Click to download

File Size   978.73 Kbytes
Page   22 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 4.5V to 18V Input, 3.0A Integrated MOSFET

BD9C301FJ Datasheet (HTML) - Rohm

Back Button BD9C301FJ Datasheet HTML 1Page - Rohm BD9C301FJ Datasheet HTML 2Page - Rohm BD9C301FJ Datasheet HTML 3Page - Rohm BD9C301FJ Datasheet HTML 4Page - Rohm BD9C301FJ Datasheet HTML 5Page - Rohm BD9C301FJ Datasheet HTML 6Page - Rohm BD9C301FJ Datasheet HTML 7Page - Rohm BD9C301FJ Datasheet HTML 8Page - Rohm BD9C301FJ Datasheet HTML 9Page - Rohm BD9C301FJ Datasheet HTML 10Page - Rohm Next Button 



Similar Part No. - BD9C301FJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9C301FJ-LB ROHM-BD9C301FJ-LB Datasheet
3Mb / 22P
   4.5V to 18V Input, 3.0A Integrated MOSFET Single Synchronous Buck DC/DC Converter
More results


Similar Description - BD9C301FJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9D320EFJ ROHM-BD9D320EFJ Datasheet
1Mb / 26P
   4.5V to 18V Input, 3.0A Integrated MOSFET
BD9C401EFJ ROHM-BD9C401EFJ Datasheet
1Mb / 22P
   4.5V to 18V Input, 4.0A Integrated MOSFET
BD9C501EFJ ROHM-BD9C501EFJ Datasheet
1,023Kb / 22P
   4.5V to 18V Input, 5.0A Integrated MOSFET
BD9C601EFJ ROHM-BD9C601EFJ Datasheet
1,022Kb / 22P
   4.5V to 18V Input, 6.0A Integrated MOSFET
BD9D322QWZ ROHM-BD9D322QWZ Datasheet
3Mb / 40P
   4.5V to 18V Input, 3.0A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9C301FJ-LB ROHM-BD9C301FJ-LB Datasheet
3Mb / 22P
   4.5V to 18V Input, 3.0A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9D323QWZ ROHM-BD9D323QWZ Datasheet
2Mb / 40P
   4.5V to 18V Input, 3.0A Integrated MOSFET 1ch Synchronous Buck DC/DC Converter
BD9D321EFJ ROHM-BD9D321EFJ Datasheet
1Mb / 28P
   4.5V to 18V Input, 3.0A Integrated MOSFET 1ch Synchronous Buck DC/DC Converter
logo
Active-Semi, Inc
ACT2102 ACTIVE-SEMI-ACT2102_14 Datasheet
706Kb / 17P
   Wide 4.5V to 18V Operating Input Range
Rev 2, 23-May-12
logo
Diodes Incorporated
AP62600 DIODES-AP62600 Datasheet
2Mb / 26P
   4.5V TO 18V INPUT, 6A SYNCHRONOUS BUCK CONVERTER
June 2022
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com