Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE599 Datasheet (PDF) - NTE Electronics

NTE599 Datasheet PDF - NTE Electronics
Part # NTE599
Download  NTE599 Download

File Size   18.34 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Rectifier Ultra Fast, 200V, 15A

NTE599 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE599 Datasheet PDF - NTE Electronics

Part # NTE599
Download  NTE599 Click to download

File Size   18.34 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Rectifier Ultra Fast, 200V, 15A

NTE599 Datasheet (HTML) - NTE Electronics

NTE599 Datasheet HTML 1Page - NTE Electronics NTE599 Datasheet HTML 2Page - NTE Electronics

NTE599 Product details

Description:
The NTE599 is a silicon rectifier in a 2–Lead TO220 type package designed for use in switching power supplies, inverters and as free wheeling diodes.

Features:
● Ultrafast 35ns Recovery Time
● 175°C Operating Junction Temperature
● Popular TO220 Package
● Voltage Capacity to 200V
● Low Forward Voltage Drop
● Low Leakage Current Specified at TC = +150°C
● Current Derating Specified at Both Case and Ambient Temperature




Similar Part No. - NTE599

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5990 NTE-NTE5990 Datasheet
34Kb / 3P
   NTE5906, NTE5907, NTE5980 thru NTE6005 Silicon Power Rectifier Diode, 40 Amp
NTE5991 NTE-NTE5991 Datasheet
34Kb / 3P
   NTE5906, NTE5907, NTE5980 thru NTE6005 Silicon Power Rectifier Diode, 40 Amp
NTE5992 NTE-NTE5992 Datasheet
34Kb / 3P
   NTE5906, NTE5907, NTE5980 thru NTE6005 Silicon Power Rectifier Diode, 40 Amp
NTE5993 NTE-NTE5993 Datasheet
34Kb / 3P
   NTE5906, NTE5907, NTE5980 thru NTE6005 Silicon Power Rectifier Diode, 40 Amp
NTE5994 NTE-NTE5994 Datasheet
34Kb / 3P
   NTE5906, NTE5907, NTE5980 thru NTE6005 Silicon Power Rectifier Diode, 40 Amp
More results


Similar Description - NTE599

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE597 NTE-NTE597 Datasheet
18Kb / 2P
   Silicon Rectifier Ultra Fast, 200V, 8A
logo
Silicon Supplies
MURC1520 SS-MURC1520 Datasheet
1Mb / 4P
   200V 15A 35ns Rectifier
Rev 1.0 27/12/22
logo
Taiwan Semiconductor Co...
MUR4L20 TSC-MUR4L20 Datasheet
384Kb / 5P
   4A, 200V - 600V Ultra Fast Rectifier
logo
Mospec Semiconductor
U15A05 MOSPEC-U15A05 Datasheet
132Kb / 2P
   FAST RECTIFIERS(15A,50-200V)
logo
Taiwan Semiconductor Co...
UG2D TSC-UG2D_15 Datasheet
350Kb / 4P
   2A, 200V Glass Passivated Ultra Fast Rectifier
ES1DV TSC-ES1DV Datasheet
194Kb / 4P
   1A, 200V Surface Mount Ultra Fast Rectifier
logo
Shindengen Electric Mfg...
D15LC20U SHINDENGEN-D15LC20U Datasheet
457Kb / 7P
   Super Fast Recovery Rectifiers(200V 15A)
logo
Taiwan Semiconductor Co...
ES3DV TSC-ES3DV Datasheet
291Kb / 6P
   3A, 200V Surface Mount Ultra Fast Rectifier
logo
NTE Electronics
NTE588 NTE-NTE588 Datasheet
15Kb / 1P
   Silicon Diode 200V, 3A, Ultra Fast Switch
NTE619 NTE-NTE619 Datasheet
16Kb / 1P
   Silicon Rectifier, Ultra Fast
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com