Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RIF-0-OSC-24DC Datasheet (PDF) - PHOENIX CONTACT

RIF-0-OSC-24DC Datasheet PDF - PHOENIX CONTACT
Part # RIF-0-OSC-24DC
Download  RIF-0-OSC-24DC Download

File Size   79.77 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Pre-assembled solid-state relay module with screw connection, consisting of: relay base with ejector and plugin miniature solid-state relay. Input voltage: 24 V DC. Output: 24 - 253 V AC/0.75 A

RIF-0-OSC-24DC Datasheet (PDF)

Go To PDF Page Download Datasheet
RIF-0-OSC-24DC Datasheet PDF - PHOENIX CONTACT

Part # RIF-0-OSC-24DC
Download  RIF-0-OSC-24DC Click to download

File Size   79.77 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Pre-assembled solid-state relay module with screw connection, consisting of: relay base with ejector and plugin miniature solid-state relay. Input voltage: 24 V DC. Output: 24 - 253 V AC/0.75 A

RIF-0-OSC-24DC Datasheet (HTML) - PHOENIX CONTACT

RIF-0-OSC-24DC Datasheet HTML 1Page - PHOENIX CONTACT RIF-0-OSC-24DC Datasheet HTML 2Page - PHOENIX CONTACT RIF-0-OSC-24DC Datasheet HTML 3Page - PHOENIX CONTACT RIF-0-OSC-24DC Datasheet HTML 4Page - PHOENIX CONTACT



Similar Part No. - RIF-0-OSC-24DC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
RIF-0-OPT-24DC PHOENIX-RIF-0-OPT-24DC Datasheet
80Kb / 4P
   Pre-assembled solid-state relay module with push-in connection, consisting of: relay base with ejector and plug-in miniature solid-state relay. Input voltage: 24 V DC. Output: 3 - 33 V DC/3 A
More results


Similar Description - RIF-0-OSC-24DC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
RIF-0-OPT-24DC PHOENIX-RIF-0-OPT-24DC Datasheet
80Kb / 4P
   Pre-assembled solid-state relay module with push-in connection, consisting of: relay base with ejector and plug-in miniature solid-state relay. Input voltage: 24 V DC. Output: 3 - 33 V DC/3 A
logo
WAGO Kontakttechnik Gmb...
788-721 WAGO-788-721 Datasheet
495Kb / 8P
   Solid-state relay module; Nominal input voltage: 24 V AC/DC
22.11.2021
logo
PHOENIX CONTACT
RIF-0-RSC-24DC PHOENIX-RIF-0-RSC-24DC Datasheet
166Kb / 6P
   Pre-assembled relay module with screw connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 24 V DC
RIF-2-RSC-LDP-24DC PHOENIX-RIF-2-RSC-LDP-24DC Datasheet
126Kb / 6P
   Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, and retaining bracket. Contact type: 4 changeover contacts. Input voltage: 24 V DC
RIF-4-RSC-LDP-24DC PHOENIX-RIF-4-RSC-LDP-24DC Datasheet
126Kb / 6P
   Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, and retaining bracket.
RIF-3-RSC-LDP-24DC PHOENIX-RIF-3-RSC-LDP-24DC Datasheet
124Kb / 6P
   Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, and retaining bracket.
RIF-0-RPT-24DC PHOENIX-RIF-0-RPT-24DC Datasheet
97Kb / 5P
   Pre-assembled relay module with push-in connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 24 V DC
RIF-1-RSC-LV-24AC PHOENIX-RIF-1-RSC-LV-24AC Datasheet
126Kb / 6P
   Pre-assembled relay module with screw connection, consisting of: relay base, multi-layer contact relay, plugin display/interference suppression module, and retaining bracket.
RIF-0-RSC-12DC PHOENIX-RIF-0-RSC-12DC Datasheet
167Kb / 6P
   Pre-assembled relay module with screw connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 12 V DC
logo
Schneider Electric
SSL1A12JDPV SCHNEIDER-SSL1A12JDPV Datasheet
95Kb / 5P
   Harmony, Solid state relay pre assembled, 2 A, zero voltage switching, screw sockets, input 4?? 12 V DC, output 24...250 V AC
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com