Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE7069 Datasheet (PDF) - NTE Electronics

NTE7069 Datasheet PDF - NTE Electronics
Part # NTE7069
Download  NTE7069 Download

File Size   21.33 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit 2 Modulus High Speed Divider w/ECL Output for Phase-Lock Loop (PLL) Synthesized TV Tuner

NTE7069 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE7069 Datasheet PDF - NTE Electronics

Part # NTE7069
Download  NTE7069 Click to download

File Size   21.33 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit 2 Modulus High Speed Divider w/ECL Output for Phase-Lock Loop (PLL) Synthesized TV Tuner

NTE7069 Datasheet (HTML) - NTE Electronics

NTE7069 Datasheet HTML 1Page - NTE Electronics NTE7069 Datasheet HTML 2Page - NTE Electronics

NTE7069 Product details

Description:

The NTE7069 is an integrated circuit consisting of a 1/128, 1/136 prescaler, high speed frequency divider using an ECL (emitter–coupled logic) circuit configuration in an 8–Lead SIP type package. When the clocks are applied to the pulse swallow control input terminal, M, the dividing ratio is 1/136, and when M is stable (“H” or “L”), the ratio is 1/128. This device operates in the frequency range of 80MHz to 1000MHz. Typical applications for the NTE7069 include prescalers for PLL (Phase Lock Loop) TV tuners and general use in consumer and industrial digital equipment.



Features:

• High–Speed Operation: fmax = 1GHz

• Operates at Low Input Amplitudes: –20dB Min

• ECL Level Output: 1.30VP–P Typ



 




Similar Part No. - NTE7069

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7060 NTE-NTE7060 Datasheet
26Kb / 3P
   Integrated Circuit NTSC Single Chip Color TV Signal Processor
NTE7061 NTE-NTE7061 Datasheet
23Kb / 2P
   Integrated Circuit Dual 5.3W Audio Power Amplifier Circuit
NTE7062 NTE-NTE7062 Datasheet
23Kb / 3P
   Integrated Circuit CRT Display Synchronization Deflection Circuit
NTE7063 NTE-NTE7063 Datasheet
25Kb / 3P
   Integrated Circuit CRT Display Synchronization Deflection Circuit
NTE7064 NTE-NTE7064 Datasheet
75Kb / 3P
   Integrated Circuit Bridge Driver for DC Motor Control
More results


Similar Description - NTE7069

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1779 NTE-NTE1779 Datasheet
24Kb / 2P
   Integrated Circuit TV VIF Amp, Phase Lock Loop (PLL)
NTE15013 NTE-NTE15013 Datasheet
22Kb / 2P
   Integrated Circuit TV VIF Amp, Phase Lock Loop (PLL)
NTE1192 NTE-NTE1192 Datasheet
21Kb / 2P
   Integrated Circuit VCO for Phase Lock Loop(PLL)
NTE1167 NTE-NTE1167 Datasheet
23Kb / 2P
   Integrated Circuit Phase Lock Loop(PLL) Frequency Synthesizer
NTE7050 NTE-NTE7050 Datasheet
36Kb / 5P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder
NTE1206 NTE-NTE1206 Datasheet
23Kb / 2P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder
NTE743 NTE-NTE743 Datasheet
24Kb / 3P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder
NTE1484 NTE-NTE1484 Datasheet
61Kb / 3P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Demod
NTE989 NTE-NTE989 Datasheet
27Kb / 4P
   Integrated Circuit General Purpose Phase Lock Loop (PLL)
logo
Mitsubishi Electric Sem...
M54477L MITSUBISHI-M54477L Datasheet
208Kb / 3P
   1/128, 1/136 2-MODULUS HIGH SPEED DIVIDER WITH ECL OUTPUT
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com