Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQ5139 Datasheet (PDF) - TriQuint Semiconductor

TQ5139 Datasheet PDF - TriQuint Semiconductor
Part # TQ5139
Download  TQ5139 Download

File Size   263.0 Kbytes
Page   16 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 2.8V SiGe Dual-Mode CDMA Rx Receiver

TQ5139 Datasheet (PDF)

Go To PDF Page Download Datasheet
TQ5139 Datasheet PDF - TriQuint Semiconductor

Part # TQ5139
Download  TQ5139 Click to download

File Size   263.0 Kbytes
Page   16 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 2.8V SiGe Dual-Mode CDMA Rx Receiver

TQ5139 Datasheet (HTML) - TriQuint Semiconductor

Back Button TQ5139 Datasheet HTML 1Page - TriQuint Semiconductor TQ5139 Datasheet HTML 2Page - TriQuint Semiconductor TQ5139 Datasheet HTML 3Page - TriQuint Semiconductor TQ5139 Datasheet HTML 4Page - TriQuint Semiconductor TQ5139 Datasheet HTML 5Page - TriQuint Semiconductor TQ5139 Datasheet HTML 6Page - TriQuint Semiconductor TQ5139 Datasheet HTML 7Page - TriQuint Semiconductor TQ5139 Datasheet HTML 8Page - TriQuint Semiconductor TQ5139 Datasheet HTML 9Page - TriQuint Semiconductor TQ5139 Datasheet HTML 10Page - TriQuint Semiconductor Next Button 

TQ5139 Product details

Product Description:
The TQ5139 is a CDMA Rx Receiver designed for Cell-band, Dual-mode operation. The device supports Cell CDMA and A-GPS. The IF range is from 80 MHz to 230MHz with external tuning. The Low Noise Amplifiers have an adjustable third order intercept (IP3) to minimize inter-modulation and cross-modulation effects. The mixers are designed for differential IF outputs (single-ended or differential IF outputs for GPS modes), and they feature excellent linearity and low noise figure.

Features
◾ Cell-CDMA and GPS operation
◾ Excellent Cross Modulation Performance
◾ Low current consumption
◾ 10 dBm Cell LNA IIP3
◾ 7.5 dBm Cell Mixer IIP3
◾ Excellent Noise and Gain performance
◾ Adjustable third order intercept on LNA stage
◾ Flexible IF frequency range from 80 – 230 ◾Hz
◾ LO Buffer included
◾ Small 4x4mm Package
◾ Full ESD Protection
◾ Few external components

System Advantage
◾ Most compact integrated receiver for Cell CDMA and A-GPS applications
◾ IS-98 IMD requirements met with 2 gain states simplifying calibration procedures
◾ High mixer linearity eliminates potential call drop issues associated with gain switching
◾ Best in class A-GPS cascade gain for maximum takeover

Applications
◾ Cell band/A-GPS CDMA (IS-95/98) based mobile phones




Similar Part No. - TQ5139

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ5131 TRIQUINT-TQ5131 Datasheet
111Kb / 14P
   3V Cellular Band CDMA/AMPS RFA/Mixer IC
TQ5132 TRIQUINT-TQ5132 Datasheet
101Kb / 12P
   3V Cellular Band CDMA/AMPS RFA/Mixer IC
TQ5135 TRIQUINT-TQ5135 Datasheet
355Kb / 22P
   3V Cellular CDMA/AMPS LNA/Mixer Receiver IC
More results


Similar Description - TQ5139

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ5638 TRIQUINT-TQ5638 Datasheet
248Kb / 11P
   2.8V SIGE DUALl-MODE CDMA Rx RECEIVER
logo
Zarlink Semiconductor I...
MGCR01 ZARLINK-MGCR01 Datasheet
320Kb / 12P
   Dual Mode IF Receiver for TDMA/AMPS and CDMA/AMPS
logo
Mitel Networks Corporat...
VENUS-L MITEL-VENUS-L Datasheet
86Kb / 7P
   CDMA/AMPS Dual Band RF Receiver
logo
Fujitsu Component Limit...
FAR-F5KB-881M50-B4ED FUJITSU-FAR-F5KB-881M50-B4ED Datasheet
103Kb / 6P
   CDMA Rx (50/100ohm)
logo
Zarlink Semiconductor I...
VENUS-L ZARLINK-VENUS-L Datasheet
291Kb / 8P
   CDMA/AMPS Dual Band and RF Receiver
logo
TriQuint Semiconductor
TQ3M31 TRIQUINT-TQ3M31 Datasheet
381Kb / 18P
   Dual Band LNA: 2.8V, Cellular and PCS Band CDMA/AMPS LNA IC
logo
ANADIGICS, Inc
AWT6105 ANADIGICS-AWT6105 Datasheet
414Kb / 16P
   Cellular Dual Mode AMPS/CDMA
logo
Oscilent Corporation
803-RF384.0M-A OSCILENT-803-RF384.0M-A Datasheet
534Kb / 3P
   CDMA Rx RF SAW Filter
logo
Transko Electronics, In...
TA384AP TRANSKO-TA384AP Datasheet
301Kb / 4P
   CDMA, RF-Rx SAW Filter
Revision 0: June 2004
logo
Oscilent Corporation
801-RF881.5M-D OSCILENT-801-RF881.5M-D Datasheet
219Kb / 3P
   CDMA, RF-Rx SAW Filter
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com