Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE7116 Datasheet (PDF) - NTE Electronics

NTE7116 Datasheet PDF - NTE Electronics
Part # NTE7116
Download  NTE7116 Download

File Size   37.8 Kbytes
Page   5 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder (BTSC System)

NTE7116 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE7116 Datasheet PDF - NTE Electronics

Part # NTE7116
Download  NTE7116 Click to download

File Size   37.8 Kbytes
Page   5 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder (BTSC System)

NTE7116 Datasheet (HTML) - NTE Electronics

NTE7116 Datasheet HTML 1Page - NTE Electronics NTE7116 Datasheet HTML 2Page - NTE Electronics NTE7116 Datasheet HTML 3Page - NTE Electronics NTE7116 Datasheet HTML 4Page - NTE Electronics NTE7116 Datasheet HTML 5Page - NTE Electronics

NTE7116 Product details

Description:
The NTE7116 is a phase lock loop (PLL) stereo decoder in a 20–Lead DIP type package designed primarily for low cost stereo decoding in a low–to–medium–line TV. The MUX input (Pin1) is a low impedance current input, the gain of the input amplifier is therefore determined by the external resistor R1. All characteristics are measured with R1 = 47kΩ. The de–emphasis of (L, R) and (L – R) can be chosen by means of external capacitors and resistors. The supply voltage range of the device is from 7V to 16V.

Features:
● Wide Supply Voltage Range
● Automatic Mono/Stereo Switching (Pilot Presence Detector)
● LED Driver for Stereo Indicator
● Smooth Mono/Stereo Control
● Matrix and Two Amplifiers for Left and Right Output Signals
● A Source Selector to Switch between the MUX Signal and an External Signal
● Mute Circuit for 60dB Muting of the Output Level
● External De–Emphasis Control of (L, R) and (L – R)
● 6dB Fixed Attenuation of (L – R) with respect to (L + R) Prior to Matrix
● All Pins are Protected Against Electrostatic Discharge (ESD)




Similar Part No. - NTE7116

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7110 NTE-NTE7110 Datasheet
22Kb / 2P
   Integrated Circuit 3 Channel Analog Switch
NTE7112 NTE-NTE7112 Datasheet
28Kb / 3P
   Integrated Circuit Color TV Video Signal/Chrominance Signal Processing Circuit
NTE7113 NTE-NTE7113 Datasheet
82Kb / 2P
   Integrated Circuit Dual Audio Power Amplifier, 14W BTL
NTE7114 NTE-NTE7114 Datasheet
97Kb / 4P
   Integrated Circuit Audio Power Amplifier, Quad 11W (2 x 22W)
NTE7115 NTE-NTE7115 Datasheet
44Kb / 6P
   Integrated Circuit Color TV Horizontal Combination Circuit
More results


Similar Description - NTE7116

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7050 NTE-NTE7050 Datasheet
36Kb / 5P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder
NTE1206 NTE-NTE1206 Datasheet
23Kb / 2P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder
NTE743 NTE-NTE743 Datasheet
24Kb / 3P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder
logo
NXP Semiconductors
TEA5582 PHILIPS-TEA5582 Datasheet
97Kb / 12P
   PLL stereo decoder BTSC system
July 1990
logo
NTE Electronics
NTE1484 NTE-NTE1484 Datasheet
61Kb / 3P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Demod
NTE1657 NTE-NTE1657 Datasheet
25Kb / 3P
   Integrated Circuit Phase Lock Loop (PLL) FM Stereo Multiplex
NTE1461 NTE-NTE1461 Datasheet
74Kb / 3P
   Integrated Circuit Phase Lock Loop (PLL) FM Stereo Demod
NTE1560 NTE-NTE1560 Datasheet
18Kb / 2P
   Integrated Circuit Phase Lock Loop (PLL) FM Stereo Multiplex Demodulator
NTE1217 NTE-NTE1217 Datasheet
21Kb / 2P
   Integrated Circuit Phase Lock Loop (PLL) FM Multiplex Stereo Demodulator
NTE1248 NTE-NTE1248 Datasheet
22Kb / 3P
   Integrated Circuit Phase Lock Loop (PLL) FM Multiplex Stereo Demod
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com