Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6978 Datasheet (PDF) - Maxim Integrated Products

MAX6978 Datasheet PDF - Maxim Integrated Products
Part # MAX6978
Download  MAX6978 Download

File Size   327.66 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 8-Port, 5.5V Constant-Current LED Driver with LED Fault Detection and Watchdog

MAX6978 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX6978 Datasheet PDF - Maxim Integrated Products

Part # MAX6978
Download  MAX6978 Click to download

File Size   327.66 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 8-Port, 5.5V Constant-Current LED Driver with LED Fault Detection and Watchdog

MAX6978 Datasheet (HTML) - Maxim Integrated Products

Back Button MAX6978 Datasheet HTML 1Page - Maxim Integrated Products MAX6978 Datasheet HTML 2Page - Maxim Integrated Products MAX6978 Datasheet HTML 3Page - Maxim Integrated Products MAX6978 Datasheet HTML 4Page - Maxim Integrated Products MAX6978 Datasheet HTML 5Page - Maxim Integrated Products MAX6978 Datasheet HTML 6Page - Maxim Integrated Products MAX6978 Datasheet HTML 7Page - Maxim Integrated Products MAX6978 Datasheet HTML 8Page - Maxim Integrated Products MAX6978 Datasheet HTML 9Page - Maxim Integrated Products MAX6978 Datasheet HTML 10Page - Maxim Integrated Products Next Button 

MAX6978 Product details

General Description
The MAX6978 serial-interfaced LED driver provides eight open-drain, constant-current sinking LED driver outputs rated at 5.5V. The MAX6978 operates from a 3V to 5.5V supply. The MAX6978 supply and the LEDs’ supply can power up in any order. The constant-current outputs are programmed together to up to 55mA using a single external resistor. The MAX6978 operates with a 25Mb, industry-standard, 4-wire serial interface.

Features
♦ 25Mb Industry-Standard 4-Wire Serial Interface at 5V
♦ 3V to 5.5V Logic Supply
♦ 8 Constant-Current LED Outputs Rated at 5.5V
♦ Up to 55mA Continuous Current per Output
♦ Output Current Programmed by Single Resistor
♦ 3% Current Matching Between Outputs
♦ 6% Current Matching Between ICs
♦ Watchdog Clears Display if Interface Fails
♦ Reports Open-Circuit LED Faults
♦ -40°C to +125°C Temperature Range

Applications
    Variable Message Signs
    Marquee Displays
    Point-of-Order Signs
    Traffic Signs
    Gaming Features
    Architectural Lighting




Similar Part No. - MAX6978

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6978 MAXIM-MAX6978 Datasheet
304Kb / 12P
   16-Port, 36V Constant-Current LED Driver
Rev 0; 7/05
More results


Similar Description - MAX6978

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6969 MAXIM-MAX6969_07 Datasheet
235Kb / 13P
   16-Port, 5.5V Constant-Current LED Driver
Rev 2; 9/07
MAX6969 MAXIM-MAX6969_V01 Datasheet
204Kb / 12P
   16-Port, 5.5V Constant-Current LED Driver
2010
logo
Silicon Touch Technolog...
DM11C SITI-DM11C Datasheet
668Kb / 34P
   8-bit Constant Current LED Driver with Error Detection
logo
List of Unclassifed Man...
MBI5171 ETC1-MBI5171 Datasheet
513Kb / 31P
   8-Bit Constant Current LED Driver with LED Error Detection and Run-Time Current Adjustment
logo
NXP Semiconductors
PCA9922 NXP-PCA9922 Datasheet
144Kb / 26P
   8-channel constant current LED driver with output error detection
Rev. 01-15 January 2009
PCA9922 NXP-PCA9922_11 Datasheet
255Kb / 27P
   8-channel constant current LED driver with output error detection
Rev. 2-6 April 2011
logo
List of Unclassifed Man...
MBI5169 ETC-MBI5169 Datasheet
1Mb / 19P
   8 bit CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
logo
Silicon Touch Technolog...
DD312 SITI-DD312 Datasheet
543Kb / 20P
   HIGH CONSTANT CURRENT LED DRIVER with ERROR DETECTION
logo
Texas Instruments
TLC5928 TI-TLC5928 Datasheet
1Mb / 27P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_17 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com