Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT4S32U Datasheet (PDF) - Toshiba Semiconductor

MT4S32U Datasheet PDF - Toshiba Semiconductor
Part # MT4S32U
Download  MT4S32U Download

File Size   161.7 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Transistor Silicon NPN Epitaxial Planar Type

MT4S32U Datasheet (PDF)

Go To PDF Page Download Datasheet
MT4S32U Datasheet PDF - Toshiba Semiconductor

Part # MT4S32U
Download  MT4S32U Click to download

File Size   161.7 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Transistor Silicon NPN Epitaxial Planar Type

MT4S32U Datasheet (HTML) - Toshiba Semiconductor

MT4S32U Datasheet HTML 1Page - Toshiba Semiconductor MT4S32U Datasheet HTML 2Page - Toshiba Semiconductor MT4S32U Datasheet HTML 3Page - Toshiba Semiconductor MT4S32U Datasheet HTML 4Page - Toshiba Semiconductor MT4S32U Datasheet HTML 5Page - Toshiba Semiconductor MT4S32U Datasheet HTML 6Page - Toshiba Semiconductor MT4S32U Datasheet HTML 7Page - Toshiba Semiconductor MT4S32U Datasheet HTML 8Page - Toshiba Semiconductor

MT4S32U Product details

VHF~UHF Band Low Noise Amplifier Applications

• Low Noise Figure: NF = 1.4 dB (f = 2 GHz)
• High Gain: |S21e|2 = 13.5 dB (f = 2 GHz)




Similar Part No. - MT4S32U

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MT4S300T TOSHIBA-MT4S300T Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
MT4S300U TOSHIBA-MT4S300U Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
MT4S301T TOSHIBA-MT4S301T Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
MT4S301U TOSHIBA-MT4S301U Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
MT4S34U TOSHIBA-MT4S34U Datasheet
113Kb / 4P
   SILICON NPN EPITAXIAL PLANAR TYPE VHF-UHF BAND LOW NOISE AMPLIFIER APLICATIONS.
More results


Similar Description - MT4S32U

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MT6L03AE TOSHIBA-MT6L03AE Datasheet
144Kb / 3P
   TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE
MT6C03AE TOSHIBA-MT6C03AE Datasheet
151Kb / 3P
   TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE
MT6L03AT TOSHIBA-MT6L03AT Datasheet
150Kb / 3P
   TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE
MT3S06S TOSHIBA-MT3S06S Datasheet
121Kb / 2P
   TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE
MT4S06 TOSHIBA-MT4S06 Datasheet
122Kb / 2P
   TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE
MT6L04AE TOSHIBA-MT6L04AE Datasheet
151Kb / 3P
   TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE
MT3S03AT TOSHIBA-MT3S03AT Datasheet
244Kb / 4P
   TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE
MT3S03AU TOSHIBA-MT3S03AU Datasheet
119Kb / 2P
   TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE
2SC2652 TOSHIBA-2SC2652 Datasheet
161Kb / 2P
   TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE
MT3S06U TOSHIBA-MT3S06U Datasheet
121Kb / 2P
   TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com