Datasheet Search System

Mirror site :  alldatasheet.com,   alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name    
    Description 
Shortcut : 2SD992(2)  2SD993(1)  2SD995(1)  2SD999(1)  

2SD995 - NPN TRIPLE DIFFUSED MESA TYPE SILICON TRANSISTOR FOR H-DEFLECTION OUTPUT WITH HIGH VOLTAGE - Sanyo Semicon Device

Click Here View 2SD995 Datasheet

Part No.

2SD995

Description

NPN TRIPLE DIFFUSED MESA TYPE SILICON TRANSISTOR FOR H-DEFLECTION OUTPUT WITH HIGH VOLTAGE

Download

2SD995 Click here to View

File Size

48.54 Kbytes / 1 Pages

Maker

SANYO [Sanyo Semicon Device]

Homepage

www.semic.sanyo.co.jp/english/index-e.html


Related Electronics Part Number
Part NumberComponents DescriptionManufacturer
2SD993NPN TRIPLE DIFFUSED MESA TYPE SILICON TRANSISTOR FOR H-DEFLECTION OUTPUT Sanyo Semicon Device
2SD904NPN TRIPLE DIFFUSED MESA TYPE SILICON TRANSISTOR FOR HORIZONTAL DEFLECTION OUTPUT Sanyo Semicon Device
2SD1396NPN TRIPLE DIFFUSED PLANAR TYPE SILICON TRANSISTOR FOR HORIZONTAL OUTPUT BUILT-IN DAMPER DIODE Sanyo Semicon Device
2SD1399NPN TRIPLE DIFFUSED PLANAR TYPE SILICON TRANSISTOR FOR HORIZONTAL OUTPUT BUILT-IN DAMPER DIODE Sanyo Semicon Device
2SD1400NPN TRIPLE DIFFUSED PLANAR TYPE SILICON TRANSISTOR FOR CTV HORIZONTAL DEFLECTION OUTPUT Sanyo Semicon Device
2SD1401NPN TRIPLE DIFFUSED PLANAR TYPE SILICON TRANSISTOR FOR CTV HORIZONTAL DEFLECTION OUTPUT Sanyo Semicon Device
2SC5048NPN TRIPLE DIFFUSED MESA TYPE HOREZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY COLOR TV HIGH SPEED SWITCHING APPLICATIONS Toshiba Semiconductor
BF420SILICON NPN TRIPLE DIFFUSED TYPE HIGH VOLTAGE SWITCHING AND AMPLIFIER COLOR TV CHROMA OUTPUT KEC(Korea Electronics)
2SC5280NPN TRIPLE DIFFUSED MESA TYPE HORIZONTAL DEFLECTION OUTPUT FOR MEDIUM RESOLUTION DISPLAY COLOR TV. HIGH SPEED SWITCHING APPLICATIONS Toshiba Semiconductor
2SC5386NPN TRIPLE DIFFUSED MESA TYPE HORIZONTAL DEFLECTION OUTPUT FOR MEDIUM RESOLUTION DISPLAY COLOR TV. HIGH SPEED SWITCHING APPLICATIONS Toshiba Semiconductor

Link URL :
Related keyword
  2SD995 Datasheet   2SD995 Cross Reference   2SD995 Schematic   2SD995 Distributor   2SD995 Datenblatt   2SD995 RoHS
  2SD995 Equivalent   2SD995 Application Notes   2SD995 Data Sheet   2SD995 components   2SD995 Fiche Technique   2SD995 Circuit


All Rights Reserved© Alldatasheet.net 2003 - 2008   Contact us  Privacy Policy  Bookmark   Link Exchange  Site link  Manufacturer