Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2764881 Datasheet (PDF) - PHOENIX CONTACT

2764881 Datasheet PDF - PHOENIX CONTACT
Part # 2764881
Download  2764881 Download

File Size   148.7 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Optimum accommodation of electronic components with graded pitches with a design width of 22.5 mm, 45 mm, 67.5 mm, and 90 mm

2764881 Datasheet (PDF)

Go To PDF Page Download Datasheet
2764881 Datasheet PDF - PHOENIX CONTACT

Part # 2764881
Download  2764881 Click to download

File Size   148.7 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Optimum accommodation of electronic components with graded pitches with a design width of 22.5 mm, 45 mm, 67.5 mm, and 90 mm

2764881 Datasheet (HTML) - PHOENIX CONTACT

2764881 Datasheet HTML 1Page - PHOENIX CONTACT 2764881 Datasheet HTML 2Page - PHOENIX CONTACT 2764881 Datasheet HTML 3Page - PHOENIX CONTACT 2764881 Datasheet HTML 4Page - PHOENIX CONTACT 2764881 Datasheet HTML 5Page - PHOENIX CONTACT 2764881 Datasheet HTML 6Page - PHOENIX CONTACT 2764881 Datasheet HTML 7Page - PHOENIX CONTACT 2764881 Datasheet HTML 8Page - PHOENIX CONTACT 2764881 Datasheet HTML 9Page - PHOENIX CONTACT



Similar Part No. - 2764881

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2764807 PHOENIX-2764807 Datasheet
137Kb / 8P
   Housing base, with metal foot catch and test opening with side cover
2764823 PHOENIX-2764823 Datasheet
136Kb / 8P
   Housing cover,for connection on both sides
2764836 PHOENIX-2764836 Datasheet
136Kb / 8P
   Fast snap-on mounting on symmetrical DIN rails according to EN 60715
2764849 PHOENIX-2764849 Datasheet
179Kb / 6P
   Lower housing part, with metal foot catch
2764852 PHOENIX-2764852 Datasheet
149Kb / 9P
   Housing base, with metal foot catch and test opening with side cover
More results


Similar Description - 2764881

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2907376 PHOENIX-2907376 Datasheet
149Kb / 9P
   Optimum accommodation of electronic components with graded pitches with a design width of 22.5 mm, 45 mm, 67.5 mm, and 90 mm
2764946 PHOENIX-2764946 Datasheet
148Kb / 9P
   Optimum accommodation of electronic components with graded pitches with a design width of 22.5 mm, 45 mm, 67.5 mm, and 90 mm
2764399 PHOENIX-2764399 Datasheet
81Kb / 4P
   Optimum accommodation of electronic components with graded pitches with a design width of 22.5 mm, 45 mm, 67.5 mm, and 90 mm
2906571 PHOENIX-2906571 Datasheet
123Kb / 4P
   Space-saving accommodation of electronic components in finely graded module versions available with 10 to 150 mm pitch
2941879 PHOENIX-2941879 Datasheet
121Kb / 4P
   Space-saving accommodation of electronic components in finely graded module versions available with 10 to 150 mm pitch
2914576 PHOENIX-2914576 Datasheet
68Kb / 2P
   Profile panel mounting base, with a design width of 122 mm and a fixed length of 100 cm
2914563 PHOENIX-2914563 Datasheet
73Kb / 2P
   Profile panel mounting base, with a design width of 100 mm and a fixed length of 100 cm
3072821 PHOENIX-3072821 Datasheet
53Kb / 2P
   Separating plate, length: 105.2 mm, width: 1 mm, height: 67.5 mm, color: gray
PLC-BPT-TTL PHOENIX-PLC-BPT-TTL Datasheet
122Kb / 10P
   6.2 mm narrow design width
logo
Meder Electronic
KSK-1A46-1015 MEDER-KSK-1A46-1015 Datasheet
140Kb / 1P
   Glass length of 12 mm and diameter of 2.0 mm
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com