Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE902 Datasheet (PDF) - NTE Electronics

NTE902 Datasheet PDF - NTE Electronics
Part # NTE902
Download  NTE902 Download

File Size   25.74 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Operational Transconductance Amplifier

NTE902 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE902 Datasheet PDF - NTE Electronics

Part # NTE902
Download  NTE902 Click to download

File Size   25.74 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Operational Transconductance Amplifier

NTE902 Datasheet (HTML) - NTE Electronics

NTE902 Datasheet HTML 1Page - NTE Electronics NTE902 Datasheet HTML 2Page - NTE Electronics NTE902 Datasheet HTML 3Page - NTE Electronics

NTE902 Product details

Description:
The NTE902 has a differential input and a single–ended, push–pull, class A output. In addition there is a bias input for linear gain control, whose transconductance (gm) is directly proportional to the amplifier bias current (IABC).

Features:
• Slew rate (unity gain, compensated): 50V/µs
• Flexible supply voltage range: ±2V to ±15V
• Fully adjustable gain: 0 to gm RL limit

Applications:
• Sample and hold
• Multiplex
• Voltage follower
• Multiplier
• Comparator




Similar Part No. - NTE902

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE90 NTE-NTE90 Datasheet
19Kb / 2P
   Silicon Complementary Transistors General Purpose High Gain Amplifier
NTE903 NTE-NTE903 Datasheet
25Kb / 2P
   Integrated Circuit Operational Amplifier
NTE904 NTE-NTE904 Datasheet
30Kb / 3P
   Integrated Circuit General Purpose Transistor Array (Two Isolated Transistors and a Darlington Connected Transistor Pair)
NTE906 NTE-NTE906 Datasheet
30Kb / 3P
   Integrated Circuit Dual, High Frequency, Differential Amplifier
NTE907 NTE-NTE907 Datasheet
27Kb / 3P
   Integrated Circuit Diode Array
More results


Similar Description - NTE902

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE996 NTE-NTE996 Datasheet
23Kb / 3P
   Linear Integrated Circuit Operational Transconductance Amplifier
logo
National Semiconductor ...
LM3080 NSC-LM3080 Datasheet
188Kb / 6P
   Operational Transconductance Amplifier
logo
NTE Electronics
NTE870 NTE-NTE870 Datasheet
25Kb / 3P
   Integrated Circuit Dual Operational Transconductance Amp
logo
ON Semiconductor
NE5517 ONSEMI-NE5517 Datasheet
187Kb / 14P
   Dual Operational Transconductance Amplifier
April, 2006 ??Rev. 3
logo
NXP Semiconductors
NE5517 PHILIPS-NE5517 Datasheet
298Kb / 13P
   Dual operational transconductance amplifier
2002 Dec 06
logo
ON Semiconductor
NE5517 ONSEMI-NE5517_13 Datasheet
183Kb / 15P
   Dual Operational Transconductance Amplifier
June, 2013 ??Rev. 4
logo
NXP Semiconductors
NE5517 PHILIPS-NE5517 Datasheet
193Kb / 18P
   Dual operational transconductance amplifier
2002 Dec 06
logo
New Japan Radio
NJM13600 NJRC-NJM13600 Datasheet
294Kb / 7P
   DUAL OPERATIONAL TRANSCONDUCTANCE AMPLIFIER???
logo
Harris Corporation
CA3060 HARRIS-CA3060 Datasheet
143Kb / 12P
   110kHz, Operational Transconductance Amplifier Array
logo
Texas Instruments
OPA660 TI1-OPA660 Datasheet
312Kb / 20P
[Old version datasheet]   OPERATIONAL TRANSCONDUCTANCE AMPLIFIER AND BUFFER
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com