Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE918 Datasheet (PDF) - NTE Electronics

NTE918 Datasheet PDF - NTE Electronics
Part # NTE918
Download  NTE918 Download

File Size   31.39 Kbytes
Page   4 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit High Speed Operational Amplifier

NTE918 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE918 Datasheet PDF - NTE Electronics

Part # NTE918
Download  NTE918 Click to download

File Size   31.39 Kbytes
Page   4 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit High Speed Operational Amplifier

NTE918 Datasheet (HTML) - NTE Electronics

NTE918 Datasheet HTML 1Page - NTE Electronics NTE918 Datasheet HTML 2Page - NTE Electronics NTE918 Datasheet HTML 3Page - NTE Electronics NTE918 Datasheet HTML 4Page - NTE Electronics

NTE918 Product details

Description:

The NTE918, NTE918M, and the NTE918SM are precision high speed operational amplifier designed for applications requiring wide bandwidth and high slew rate. These devices have internal unity gain frequency compensation. This considerably simplifies its application since no external components are necessary for operation. However, unlike most internally compensated amplifiers, external frequency compensation may be added for optimum performance. For inverting applications, feed forward compensation will boost the slew rate to over 150V/µs and almost double the bandwidth. Overcompensation can be used with the amplifier for greater stability when maximum bandwidth is not needed. Further, a single capacitor can be added to reduce the 0.1% setting time to under 1µs.

The high speed and fast setting time of these OP amps make them useful in A/D converters, oscillators, active filters, sample and hold circuits, or general purpose amplifiers. These devices are easy to apply and offer an order of magnitude better AC performance than industry standards such as the NTE909 and NTE909D.



Features:

● 15MHz Small Signal Bandwidth

● Guaranteed 50V/µs Slew Rate

● Maximum Bias Current of 250nA

● Operates from Supplies of ±5V to ±20V

● Internal Frequency Compensation

● Input and Output Overload Protected

● Pin Compatible with General Purpose OP Amps

● Available in 3 Different Case Styles:

   8–Lead Metal Can: NTE918

   8–Lead Mini DIP: NTE918M

   8–Lead SOIC (Surface Mount): NTE918SM



 




Similar Part No. - NTE918

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE91 NTE-NTE91 Datasheet
19Kb / 2P
   Silicon Complementary Transistors General Purpose High Gain Amplifier
NTE911 NTE-NTE911 Datasheet
78Kb / 3P
   Integrated Circuit Dual Voltage Comparator
NTE912 NTE-NTE912 Datasheet
29Kb / 3P
   Integrated Circuit General Purpose Transistor Array (Three Isolated Transistors and One Differentially-Connected Transistor Pair)
NTE914 NTE-NTE914 Datasheet
29Kb / 4P
   Integrated Circuit Zero-Voltage Switch
NTE915 NTE-NTE915 Datasheet
84Kb / 3P
   Integrated Circuit High−Speed Operational Amplifier
More results


Similar Description - NTE918

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE915 NTE-NTE915 Datasheet
84Kb / 3P
   Integrated Circuit High−Speed Operational Amplifier
NTE1171 NTE-NTE1171 Datasheet
26Kb / 3P
   Integrated Circuit Operational Amplifier
NTE941 NTE-NTE941 Datasheet
25Kb / 3P
   Integrated Circuit Operational Amplifier
NTE941D NTE-NTE941D Datasheet
23Kb / 3P
   Integrated Circuit Operational Amplifier
NTE941M NTE-NTE941M Datasheet
30Kb / 3P
   Integrated Circuit Operational Amplifier
NTE903 NTE-NTE903 Datasheet
25Kb / 2P
   Integrated Circuit Operational Amplifier
NTE941S NTE-NTE941S Datasheet
23Kb / 3P
   Integrated Circuit Operational Amplifier
NTE975 NTE-NTE975 Datasheet
26Kb / 4P
   Integrated Circuit Operational Amplifier
NTE976 NTE-NTE976 Datasheet
23Kb / 2P
   Integrated Circuit Operational Amplifier
NTE871 NTE-NTE871 Datasheet
28Kb / 3P
   Integrated Circuit Wideband High Speed Operational Amp
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com