Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE931 Datasheet (PDF) - NTE Electronics

NTE931 Datasheet PDF - NTE Electronics
Part # NTE931
Download  NTE931 Download

File Size   24.61 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit 3-Terminal Positive Voltage Regulator 5V, 3A

NTE931 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE931 Datasheet PDF - NTE Electronics

Part # NTE931
Download  NTE931 Click to download

File Size   24.61 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit 3-Terminal Positive Voltage Regulator 5V, 3A

NTE931 Datasheet (HTML) - NTE Electronics

NTE931 Datasheet HTML 1Page - NTE Electronics NTE931 Datasheet HTML 2Page - NTE Electronics

NTE931 Product details

Description:
The NTE931 is a 3–terminal fixed positive voltage regulator in a TO3 type package capable of driving loads up to 3A. New circuit design and processing techniques are used to provide the high output current without sacrificing the regulation characteristics of lower current devices.
This device is virtually blowout proof. Current limiting and thermal shutdown provide a high level of reliability. No external components are required for operation of the NTE931, however, if the device is more than 4 inches from the filter capacitor a 1µF solid tantalum capacitor should be used on the input. A 0.1µF or larger capacitor may be used on the output to reduce load transient spikes created by fast switching digital logic, or to swamp out stray load capacitance

Features:
● Output Current in Excess of 3A
● Internal Current and Thermal Limiting
● 0.01Ω Typical Output Impedance
● 7.5 Minimum Input Voltage
● 30W Power Dissipation
● 100% Electrical Burn–In




Similar Part No. - NTE931

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE93 NTE-NTE93 Datasheet
20Kb / 2P
   Silicon Complementary Transistors Hi-Fi Power Amp, Audio Ourtput
NTE930 NTE-NTE930 Datasheet
81Kb / 3P
   Linear Integrated Circuit BiMOS Operational Amp
NTE932 NTE-NTE932 Datasheet
25Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator 5V, 5A
NTE933 NTE-NTE933 Datasheet
24Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 12V, 5A
NTE934 NTE-NTE934 Datasheet
23Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator 13.8V 짹5%, 5A
More results


Similar Description - NTE931

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE960 NTE-NTE960 Datasheet
25Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator, 5V
NTE1912 NTE-NTE1912 Datasheet
24Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 12V, 3A
NTE932 NTE-NTE932 Datasheet
25Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator 5V, 5A
NTE1960 NTE-NTE1960 Datasheet
27Kb / 3P
   Integrated Circuit Positive, 3-Terminal Voltage Regulator
NTE1951 NTE-NTE1951 Datasheet
20Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 5V, 1A
logo
Fairchild Semiconductor
MC78TXX FAIRCHILD-MC78TXX Datasheet
44Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
KA78T15TU FAIRCHILD-KA78T15TU Datasheet
50Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
KA78T12TU FAIRCHILD-KA78T12TU Datasheet
50Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
KA78TXX FAIRCHILD-KA78TXX Datasheet
42Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
KA78T05TU FAIRCHILD-KA78T05TU Datasheet
50Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com