Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE975 Datasheet (PDF) - NTE Electronics

NTE975 Datasheet PDF - NTE Electronics
Part # NTE975
Download  NTE975 Download

File Size   26.39 Kbytes
Page   4 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Operational Amplifier

NTE975 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE975 Datasheet PDF - NTE Electronics

Part # NTE975
Download  NTE975 Click to download

File Size   26.39 Kbytes
Page   4 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Operational Amplifier

NTE975 Datasheet (HTML) - NTE Electronics

NTE975 Datasheet HTML 1Page - NTE Electronics NTE975 Datasheet HTML 2Page - NTE Electronics NTE975 Datasheet HTML 3Page - NTE Electronics NTE975 Datasheet HTML 4Page - NTE Electronics

NTE975 Product details

Description:

The NTE975 and NTE975SM are general purpose operational amplifiers built on a single chip. The resulting close match and tight thermal coupling gives low offsets and temperature drift as well as fast recovery from thermal transients.

The unity–gain compensation specified makes the circuit stable for all feedback configurations, even with capacitive loads. However, it is possible to optimize compensation for the best high frequency performance at any gain. As a comparator, the output can be clamped at any desired level to make it compatible with logic circuits.



Features:

• Available in 8–Lead Mini DIP (NTE975) and Surface Mount, SOIC–8 (NTE975SM)

• Frequency Compensation with a Single 30pF Capacitor

• Operation From ±5V to ±20V

• Low Current Drain: 1.8mA @ ±20V

• Continuous Short–Circuit Protection

• Operation as a Comparator with Differential Inputs as High as ±30V

• No Latch–Up when Common Mode Range is Exceeded



 




Similar Part No. - NTE975

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE97 NTE-NTE97 Datasheet
28Kb / 3P
   Silicon NPN Transistor HV Darlington Power Amp, Switch
NTE970 NTE-NTE970 Datasheet
25Kb / 2P
   Linear Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator 1.2V to 33V, 3A
NTE971 NTE-NTE971 Datasheet
23Kb / 2P
   Linear Integrated Circuit Voltage Regulator, Negative, -24V, 1A
NTE972 NTE-NTE972 Datasheet
24Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator, 24V
NTE973 NTE-NTE973 Datasheet
27Kb / 4P
   Integrated Circuit Double Balanced Modulator/Demodulator
More results


Similar Description - NTE975

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1171 NTE-NTE1171 Datasheet
26Kb / 3P
   Integrated Circuit Operational Amplifier
NTE941 NTE-NTE941 Datasheet
25Kb / 3P
   Integrated Circuit Operational Amplifier
NTE941D NTE-NTE941D Datasheet
23Kb / 3P
   Integrated Circuit Operational Amplifier
NTE941M NTE-NTE941M Datasheet
30Kb / 3P
   Integrated Circuit Operational Amplifier
NTE903 NTE-NTE903 Datasheet
25Kb / 2P
   Integrated Circuit Operational Amplifier
NTE941S NTE-NTE941S Datasheet
23Kb / 3P
   Integrated Circuit Operational Amplifier
NTE976 NTE-NTE976 Datasheet
23Kb / 2P
   Integrated Circuit Operational Amplifier
NTE997 NTE-NTE997 Datasheet
24Kb / 3P
   Integrated Circuit Quad Operational Amplifier
NTE778A NTE-NTE778A Datasheet
27Kb / 3P
   Integrated Circuit Dual Operational Amplifier
NTE902 NTE-NTE902 Datasheet
25Kb / 3P
   Integrated Circuit Operational Transconductance Amplifier
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com