Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE989 Datasheet (PDF) - NTE Electronics

NTE989 Datasheet PDF - NTE Electronics
Part # NTE989
Download  NTE989 Download

File Size   27.49 Kbytes
Page   4 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit General Purpose Phase Lock Loop (PLL)

NTE989 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE989 Datasheet PDF - NTE Electronics

Part # NTE989
Download  NTE989 Click to download

File Size   27.49 Kbytes
Page   4 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit General Purpose Phase Lock Loop (PLL)

NTE989 Datasheet (HTML) - NTE Electronics

NTE989 Datasheet HTML 1Page - NTE Electronics NTE989 Datasheet HTML 2Page - NTE Electronics NTE989 Datasheet HTML 3Page - NTE Electronics NTE989 Datasheet HTML 4Page - NTE Electronics

NTE989 Product details

Description:
The NTE989 is a general purpose Phase Locked Loop (PLL) in a 14–Lead DIP type package containing a stable, highly linear voltage controlled oscillator for low distortion FM demodulation, and a double balanced phase detector with good carrier suppression. The VCO frequency is set with an external resistor and capacitor, and tuning range of 10:1 can be obtained with the same capacitor. The characteristics of the closed loop system–bandwidth, response speed, capture and pull in range– may be adjusted over a wide range with an external resistor and capacitor. The loop may be broken between the VCO and the phase detector for insertion of a digital frequency divider to obtain frequency multiplication.

Features:
● 200ppm/°C frequency stability of the VCO
● Power supply range of ±5 to ±12 volts with 100ppm/% typical
● 0.2% linearity of demodulated output
● Linear triangle wave with in phase zero crossings available
● TTL and DTL compatible phase detector input and square wave output
● Adjustable hold in range from ±1% to > ±60%

Applications:
● Data and tape synchronization
● Modems
● FSK demodulation
● FM demodulation
● Frequency synthesizer
● Tone decoding
● Frequency multiplication and division
● SCA demodulators
● Telemetry receivers
● Signal regeneration
● Coherent demodulators




Similar Part No. - NTE989

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE98 NTE-NTE98 Datasheet
28Kb / 3P
   Silicon NPN Transistor HV Darlington Power Amp, Switch
NTE980 NTE-NTE980 Datasheet
42Kb / 5P
   Integrated Circuit CMOS, Micropower Phase-Locked Loop (PLL)
NTE981 NTE-NTE981 Datasheet
24Kb / 3P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 100mA
NTE983 NTE-NTE983 Datasheet
19Kb / 2P
   Integrated Circuit Low Noise Dual Preamp
NTE984 NTE-NTE984 Datasheet
23Kb / 3P
   Integrated Circuit TV Video IF System
More results


Similar Description - NTE989

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1167 NTE-NTE1167 Datasheet
23Kb / 2P
   Integrated Circuit Phase Lock Loop(PLL) Frequency Synthesizer
NTE7050 NTE-NTE7050 Datasheet
36Kb / 5P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder
NTE1206 NTE-NTE1206 Datasheet
23Kb / 2P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder
NTE743 NTE-NTE743 Datasheet
24Kb / 3P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder
NTE1484 NTE-NTE1484 Datasheet
61Kb / 3P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Demod
NTE1192 NTE-NTE1192 Datasheet
21Kb / 2P
   Integrated Circuit VCO for Phase Lock Loop(PLL)
NTE15013 NTE-NTE15013 Datasheet
22Kb / 2P
   Integrated Circuit TV VIF Amp, Phase Lock Loop (PLL)
NTE1657 NTE-NTE1657 Datasheet
25Kb / 3P
   Integrated Circuit Phase Lock Loop (PLL) FM Stereo Multiplex
NTE1779 NTE-NTE1779 Datasheet
24Kb / 2P
   Integrated Circuit TV VIF Amp, Phase Lock Loop (PLL)
NTE1461 NTE-NTE1461 Datasheet
74Kb / 3P
   Integrated Circuit Phase Lock Loop (PLL) FM Stereo Demod
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com