Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE998 Datasheet (PDF) - NTE Electronics

NTE998 Datasheet PDF - NTE Electronics
Part # NTE998
Download  NTE998 Download

File Size   19.68 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit 1.22V Reference Diode

NTE998 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE998 Datasheet PDF - NTE Electronics

Part # NTE998
Download  NTE998 Click to download

File Size   19.68 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit 1.22V Reference Diode

NTE998 Datasheet (HTML) - NTE Electronics

NTE998 Datasheet HTML 1Page - NTE Electronics NTE998 Datasheet HTML 2Page - NTE Electronics

NTE998 Product details

Description:
The NTE998 is a temperature compensated low voltage reference device in a TO92 type package. A single monolithic structure is obtained by utilizing transistors and thin film resistors. Benefits of this construction is low noise, low current, and good long term stability associated with modern integrated circuits.
These characteristics make this device ideal for applications in battery operated equipment or where low power is necessary.

Features:
● Low Breakdown Voltage: 1.220V typ
● Low Bias Current: 50µA
● Temperature Stability: .005 to .01%/°C




Similar Part No. - NTE998

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE99 NTE-NTE99 Datasheet
27Kb / 3P
   Silicon NPN Transistor Darlington w/Base-Emitter Speed-up Diode
NTE990 NTE-NTE990 Datasheet
24Kb / 3P
   Integrated Circuit Dual Audio Power Amplifier
NTE992 NTE-NTE992 Datasheet
28Kb / 3P
   Integrated Circuit Quad, Single Supply Operational Amplifier
NTE9936 NTE-NTE9936 Datasheet
56Kb / 2P
   Integrated Circuit DTL, Hex Inverter
NTE994M NTE-NTE994M Datasheet
23Kb / 3P
   Integrated Circuit Voltage Controlled Oscillator
More results


Similar Description - NTE998

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXRE125 ZETEX-ZXRE125_03 Datasheet
193Kb / 7P
   MICROPOWER 1.22V VOLTAGE REFERENCE
logo
Diodes Incorporated
ZXRE125 DIODES-ZXRE125 Datasheet
107Kb / 5P
   SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZXRE125 ZETEX-ZXRE125 Datasheet
140Kb / 4P
   SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE
logo
NTE Electronics
NTE7080 NTE-NTE7080 Datasheet
20Kb / 2P
   Integrated Circuit Precision Voltage Reference Diode, 1.235V
logo
Zetex Semiconductors
ZXRE1004 ZETEX-ZXRE1004 Datasheet
62Kb / 4P
   SOT23 MICROPOWER (4uA) 1.22V VOLTAGE REFERENCE
logo
Texas Instruments
LT1009 TI-LT1009_06 Datasheet
328Kb / 17P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009 TI-LT1009_15 Datasheet
1Mb / 22P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009 TI1-LT1009 Datasheet
1Mb / 22P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009M TI1-LT1009M Datasheet
158Kb / 10P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009M TI-LT1009M_15 Datasheet
128Kb / 11P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com