Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF113D Datasheet (PDF) - List of Unclassifed Manufacturers

LF113D Datasheet PDF - List of Unclassifed Manufacturers
Part # LF113D
Download  LF113D Download

File Size   73.49 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 1W Dual Output Surface Mountable DC/DC Converters

LF113D Datasheet (PDF)

Go To PDF Page Download Datasheet
LF113D Datasheet PDF - List of Unclassifed Manufacturers

Part # LF113D
Download  LF113D Click to download

File Size   73.49 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 1W Dual Output Surface Mountable DC/DC Converters

LF113D Datasheet (HTML) - List of Unclassifed Manufacturers

LF113D Datasheet HTML 1Page - List of Unclassifed Manufacturers LF113D Datasheet HTML 2Page - List of Unclassifed Manufacturers

LF113D Product details

[MicroPower Direct]

Key Features
● Ultra-Miniature SMT Package
● Lead Frame Technology
● 1W Output Power
● 5V and 12V Inputs
● -40ºC to +85ºC Operation
● Low Cost




Similar Part No. - LF113D

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LF113D MPD-LF113D Datasheet
542Kb / 4P
   Ultra-Miniature, 1W Dual Output SMT DC/DC Converters
LF113DI MPD-LF113DI Datasheet
216Kb / 2P
   High Isolation, 1W Dual Output SMT DC/DC Converters
More results


Similar Description - LF113D

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
DS3-XX3.3D RSG-DS3-XX3.3D Datasheet
60Kb / 1P
   Dual output unregulated DC/DC converters 1W
logo
C&D Technologies
NMA-1 CANDD-NMA-1 Datasheet
171Kb / 2P
   Isolated 1W Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
NMA2405SC MURATA-NMA2405SC Datasheet
126Kb / 4P
   Isolated 1W Dual Output DC/DC Converters
logo
List of Unclassifed Man...
NMA5V ETC-NMA5V Datasheet
171Kb / 2P
   ISOLATED 1W DUAL OUTPUT DC-DC CONVERTERS
logo
Murata Manufacturing Co...
NMA0505DC MURATA-NMA0505DC Datasheet
219Kb / 6P
   Isolated 1W Dual Output DC/DC Converters
logo
C&D Technologies
NMA CANDD-NMA Datasheet
168Kb / 2P
   Isolated 1W Dual Output DC-DC Converters
logo
Microdc power Technolog...
A-XD MICRODC-A-XD Datasheet
579Kb / 5P
   Isolated 1W Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NTA MURATA-KDC_NTA Datasheet
159Kb / 4P
   Isolated 1W Dual Output SM DC/DC Converters
logo
Microdc power Technolog...
E-XSD MICRODC-E-XSD Datasheet
657Kb / 4P
   Isolated 1W Dual Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPNA TOPPOWER-TPNA Datasheet
673Kb / 4P
   1W 3KVDC Isolated Dual Output DC/DC Converters
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com