Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
2SK51
(2)
2SK52
(3)
2SK53
(7)
2SK54
(6)
2SK55
(7)
2SK56
(2)
2SK57
(4)
2SK58
(5)
2SK59
(3)
2SK58 - Silicon N-Channel Junction Type Dual FET (DC-to-VHF Use, Low Noise) - Sony Corporation
Click Here View
2SK58
Datasheet
Part No.
2SK58
Description
Silicon N-Channel Junction Type Dual FET (DC-to-VHF Use, Low Noise)
Download
2SK58
Click here
to View
File Size
54.83 Kbytes / 1 Pages
Maker
SONY [Sony Corporation]
Homepage
http://www.sony.co.jp
Related Electronics Part Number
Part Number
Components Description
Manufacturer
2SK187
SILICON
N-CHANNEL
JUNCTION
FET
LOW
FREQUECY
LOW
NOISE
AMPLIFIER
Hitachi Semiconductor
2SK170
FET
Silicon
N
Channel
Junction
Type
for
Low
Noise
Audio
Amplifier
Toshiba Semiconductor
KSK117
N-CHANNEL
JUNCTION
FET
LOW
FREQUENCY
LOW
NOISE
AMP.
Samsung semiconductor
BAT14-099
Silicon
Dual
Schottky
Diode
DBS
mixer
application
to
12
GHz
Low
noise
figure
Medium
barrier
type
Siemens Semiconductor Group
BAT15-04
Silicon
Dual
Schottky
Diode
DBS
mixer
applications
to
12
GHz
Low
noise
figure
Low
barrier
type
Siemens Semiconductor Group
BAT15-099
Silicon
Dual
Schottky
Diode
DBS
mixer
application
to
12
GHz
Low
noise
figure
Low
barrier
type
Siemens Semiconductor Group
LS3954-8
LOW
NOISE
LOW
DRIFT
MONOLITHIC
DUAL
N-CHANNEL
JFET
Linear Integrated Systems
2SK1104
Silicon
N-Channel
Junction
FET
Panasonic Semiconductor
IFN146
Dual
N-Channel
Silicon
Junction
Field-Effect
Transistor
InterFET Corporation
BF2040W
Silicon
N-Channel
MOSFET
Tetrode
For
low
noise
high
gain
controlled
input
stages
up
to
1GHz
Operating
voltage
5V
Siemens Semiconductor Group
Link URL :
Related keyword
2SK58 Datasheet
2SK58 Cross Reference
2SK58 Schematic
2SK58 Distributor
2SK58 Datenblatt
2SK58 RoHS
2SK58 Equivalent
2SK58 Application Notes
2SK58 Data Sheet
2SK58 components
2SK58 Fiche Technique
2SK58 Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer