Manufacturer | Part # | Datasheet | Description |
Maxim Integrated Produc... |
MAX1191
|
492Kb / 27P |
Ultra-Low-Power, 7.5Msps, Dual 8-Bit ADC
Rev 1; 9/03 |
MAX1192
|
620Kb / 28P |
Ultra-Low-Power, 22Msps, Dual 8-Bit ADC
Rev 1; 9/03 |
MAX1192
|
419Kb / 27P |
Ultra-Low-Power, 22Msps, Dual 8-Bit ADC
2009 |
MAX19192
|
1Mb / 22P |
Ultra-Low-Power, 10Msps, Dual 8-Bit ADC
Rev 0; 1/10 |
MAX19191
|
1Mb / 20P |
Ultra-Low-Power, 10Msps, 8-Bit ADC
Rev 0; 1/10 |
MAX19707
|
541Kb / 37P |
10-Bit, 45Msps, Ultra-Low-Power Analog Front-End
Rev 1; 6/07 |
Texas Instruments |
ADS7040
|
949Kb / 38P |
[Old version datasheet] Ultra-Low Power, Ultra-Small Size, 8-Bit, 1-MSPS, SAR ADC
|
Maxim Integrated Produc... |
MAX5512
|
1Mb / 23P |
Dual, Ultra-Low-Power, 8-Bit, Voltage-Output DACs
19-3066; Rev 0; 1/04 |
Linear Technology |
LTC2188
|
612Kb / 36P |
16-Bit, 20Msps Low Power Dual ADC
|
LTC2188
|
608Kb / 36P |
16-Bit, 20Msps Low Power Dual ADC
|