Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1629C Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TA1629C Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TA1629C
Download  TA1629C Download

File Size   588.46 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 2450 MHz SMD 1.4x1.1 mm (BW=100 MHz)

TA1629C Datasheet (PDF)

Go To PDF Page Download Datasheet
TA1629C Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1629C
Download  TA1629C Click to download

File Size   588.46 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 2450 MHz SMD 1.4x1.1 mm (BW=100 MHz)

TA1629C Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TA1629C Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1629C Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1629C Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1629C Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1629C Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1629C Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1629C Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TA1629C

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1629A TAI-SAW-TA1629A Datasheet
421Kb / 7P
   SAW Filter 2450 MHz 100MHz BW SMD 1.4x1.1 mm
TA1629A TAI-SAW-TA1629A Datasheet
7Mb / 8P
   Your Best Partner For Frequency Devices
logo
Golledge Electronics Lt...
TA1629A GOLLEDGE-TA1629A Datasheet
508Kb / 6P
   SAW Filter 2450.0MHz
More results


Similar Description - TA1629C

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1629A TAI-SAW-TA1629A Datasheet
421Kb / 7P
   SAW Filter 2450 MHz 100MHz BW SMD 1.4x1.1 mm
TA1775A TAI-SAW-TA1775A Datasheet
469Kb / 7P
   SAW Filter 403.5 MHz SMD 1.4X1.1 mm (BW=5 MHz)
TA1834C TAI-SAW-TA1834C Datasheet
533Kb / 8P
   SAW Filter 2441.75 MHz SMD 1.4x1.1 mm (BW=83.5 MHz)
TA2538A TAI-SAW-TA2538A Datasheet
616Kb / 6P
   SAW Filter 1246.5 MHz SMD 1.4x1.1 mm (BW=63 MHz)
TA0757BC TAI-SAW-TA0757BC Datasheet
266Kb / 7P
   SAW Filter 1575.42 MHz SMD 1.4X1.1 mm (BW=2 MHz)
TA1040A TAI-SAW-TA1040A Datasheet
267Kb / 7P
   SAW Filter 2338.75 MHz 12.5 MHz BW SMD 1.4X1.1 mm
TA1903B TAI-SAW-TA1903B Datasheet
379Kb / 6P
   SAW Filter 1217 MHz SMD 1.4X1.1 mm (BW=44 MHz)
TA2724AA1325 TAI-SAW-TA2724AA1325 Datasheet
480Kb / 8P
   SAW Filter 1238 MHz (BW 82 MHz) SMD 1.4X1.1 mm
TA2559A TAI-SAW-TA2559A Datasheet
503Kb / 7P
   SAW Filter 1575.42 MHz SMD 1.4X1.1 mm (BW=2.4 MHz)
TA1775B TAI-SAW-TA1775B Datasheet
467Kb / 7P
   SAW Filter 403.5 MHz SMD 1.4X1.1 mm (BW=5 MHz)
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com