Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR27V3202D Datasheet (PDF) - OKI electronic componets

MR27V3202D Datasheet PDF - OKI electronic componets
Part # MR27V3202D
Download  MR27V3202D Download

File Size   57.28 Kbytes
Page   11 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM

MR27V3202D Datasheet (PDF)

Go To PDF Page Download Datasheet
MR27V3202D Datasheet PDF - OKI electronic componets

Part # MR27V3202D
Download  MR27V3202D Click to download

File Size   57.28 Kbytes
Page   11 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM

MR27V3202D Datasheet (HTML) - OKI electronic componets

Back Button MR27V3202D Datasheet HTML 1Page - OKI electronic componets MR27V3202D Datasheet HTML 2Page - OKI electronic componets MR27V3202D Datasheet HTML 3Page - OKI electronic componets MR27V3202D Datasheet HTML 4Page - OKI electronic componets MR27V3202D Datasheet HTML 5Page - OKI electronic componets MR27V3202D Datasheet HTML 6Page - OKI electronic componets MR27V3202D Datasheet HTML 7Page - OKI electronic componets MR27V3202D Datasheet HTML 8Page - OKI electronic componets MR27V3202D Datasheet HTML 9Page - OKI electronic componets MR27V3202D Datasheet HTML 10Page - OKI electronic componets Next Button 

MR27V3202D Product details

DESCRIPTION

The MR27V3202D is a 32Mbit electrically Programmable Read-Only Memory whose configuration can be electrically switched between 2,097,152 word x 16bit and 4,194,304 word x 8bit. The MR27 V3202D operates on a single +3V-3.3V power supply and is TTL compatible. Since the MR27V3202 D operates asynchronously , external clocks are not required , making this device easy-to-use. The MR27V3202D is suitable as large-capacity fixed memory for microcomputers and data terminals. It is manufactured using a CMOS double silicon gate technology and is offered in 44-pin SOP or 48-pin TSOP packages.



FEATURES

• 2,097,152 word x 16bit / 4,194,304 word x 8bit electrically switchable configuration

• Single +3V-3.3V power supply

• Access time 120ns access time (Vcc=+3V)

                   100ns access time (Vcc=+3.3V)

• Input / Output TTL compatible

• Three-state output

• Packages

          44-pin plastic SOP (SOP44-P-600-1.27-K)

          48-pin plastic TSOP (TSOP II 48-P-550-0.80-K)



 




Similar Part No. - MR27V3202D

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27V3202E OKI-MR27V3202E Datasheet
90Kb / 10P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM
MR27V3202F OKI-MR27V3202F Datasheet
152Kb / 15P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8 Bit One Time PROM
MR27V3202FMA OKI-MR27V3202FMA Datasheet
152Kb / 15P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8 Bit One Time PROM
MR27V3202FTN OKI-MR27V3202FTN Datasheet
152Kb / 15P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8 Bit One Time PROM
MR27V3202FTP OKI-MR27V3202FTP Datasheet
152Kb / 15P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8 Bit One Time PROM
More results


Similar Description - MR27V3202D

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27V3202E OKI-MR27V3202E Datasheet
90Kb / 10P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM
MSM27C3202CZ OKI-MSM27C3202CZ Datasheet
87Kb / 12P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM
MR27V3202F OKI-MR27V3202F Datasheet
152Kb / 15P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8 Bit One Time PROM
MR27V3252D OKI-MR27V3252D Datasheet
56Kb / 10P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MSM27C3252CZ OKI-MSM27C3252CZ Datasheet
90Kb / 12P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V1602D OKI-MR27V1602D Datasheet
58Kb / 11P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27V1602F OKI-MR27V1602F Datasheet
132Kb / 14P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27C1602B OKI-MR27C1602B Datasheet
128Kb / 14P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27V6402D OKI-MR27V6402D Datasheet
93Kb / 13P
   4,194,304-Word x 16-Bit or 8,388,608-Word x 8-Bit One Time PROM
MR27V6466F OKI-MR27V6466F Datasheet
416Kb / 39P
   4,194,304-Word x 16Bit or 2,097,152-Word x 32-Bit Synchronous One Time PROM
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com